Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 23Page - STMicroelectronics ST486DX Datasheet HTML 24Page - STMicroelectronics ST486DX Datasheet HTML 25Page - STMicroelectronics ST486DX Datasheet HTML 26Page - STMicroelectronics ST486DX Datasheet HTML 27Page - STMicroelectronics ST486DX Datasheet HTML 28Page - STMicroelectronics ST486DX Datasheet HTML 29Page - STMicroelectronics ST486DX Datasheet HTML 30Page - STMicroelectronics ST486DX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
mov
al,ah
out
23h,al
;set MMAC back to normal
got_inst:
cmp
bl,0f4h
;was it a HLT instruction?
jne
not_hlt
;if not a F4 then not a HLT
;set up SMM header to return
;to the HLT instruction
dec
cs:dword ptr [SMI_NEXTIP]
not_hlt:
jmp
continue_SMI_routine
; data within the SMM Space Code Segment
seg4G dw
0ffffh
;limit 15-0
dw
0
;base
db
0
;base
db
10010011B
;data segment, DPL=0, present
db
8Fh
;high limit =f, Gran =4K, 16 bit
db
0
;base
dw
0
3.9
Exiting the SMI Handler
When the RSM instruction is executed at the end of the SMI handler, the EIP is loaded from the
SMM header at the address (SMMbase + SMMsize - 14h) called NEXT_IP. This permits the in-
struction to be restarted if NEXT_IP was modified by the SMM program. The values of ECX, ESI,
and EDI, prior to the execution of the instruction that was interrupted by SMI, can be restored from
information in the header which pertains to the INx and OUTx instructions. See Section 3.6 for an
example program to restart an I/O instruction. The only registers that are restored from the SMM
header are CS, NEXT_IP, EFLAGS, CR0, and DR7. All other registers which were modified by
the SMM program need to be restored before executing the RSM instruction.
ST486DX - SMM SOFTWARE CONSIDERATIONS
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com