Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 18Page - STMicroelectronics ST486DX Datasheet HTML 19Page - STMicroelectronics ST486DX Datasheet HTML 20Page - STMicroelectronics ST486DX Datasheet HTML 21Page - STMicroelectronics ST486DX Datasheet HTML 22Page - STMicroelectronics ST486DX Datasheet HTML 23Page - STMicroelectronics ST486DX Datasheet HTML 24Page - STMicroelectronics ST486DX Datasheet HTML 25Page - STMicroelectronics ST486DX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ST486DX - SMM SOFTWARE CONSIDERATIONS
32
full 4-GBytes of possible system memory without entering protected mode. Once the limits of a
segment register are set, the base can be changed by use of the MOV instruction.
An Interrupt Descriptor Table (IDT) needs to be set up in SMM memory before any interrupts or
exceptions occur. Once initialized, the SMI handler can execute calls, jumps, and other changes of
flow and will generate software interrupts and faults. The Interrupt Descriptor Table Register can
be loaded with an LIDT instruction to point to a small IDT in SMM memory that can handle the
possible interrupts and exceptions that might occur while in the SMM routine.
A stack should always be set up in SMM memory so that stack operations done within SMM do not
affect the system memory.
; SMM environment initialization example
rsdc
ds,cs:,seg4G
;DS is a 4GByte segment, base=0
rsdc
es,cs:,seg4G
;ES is a 4GByte segment, base=0
rsdc
fs,cs:,seg4G
;FS is a 4GByte segment, base=0
rsdc
gs,cs:,seg4G
;GS is a 4GByte segment, base=0
rsdc
ss,cs:,seg4G
;SS is a 4GByte segment, base=0
lidt
cs:smm_idt
;load IDT base and limit for
;SMM’s IDT
mov
esp, smm_stack
jmp
continue_smm_code
;
;descriptor of 4GByte data segment for use by rsdc
seg4G
dw
0ffffh
; limit 4G
dw
0
; base = 0
db
0
; base = 0
db
10010011B
; data segment, DPL=0,P=1
db
8fh
; limit = 4G,
db
0h
; base = 0
dw
0
; segment register = 0
smm_idt
dw
smm_idt_limit
dd
smm_idt_base
3.5
Accessing Main Memory Overlapped by SMM Memory
When in SMM mode there are instances where the program needs access to the system memory
that is overlapping with SMM memory. This need most commonly occurs when the SMM routine
is trying to save the entire memory image to disk before powering down the system. To access
main memory overlapping the SMM space (i.e., generate ADS# for memory MOV instructions
rather than SMADS#) set the MMAC bit in CCR1. The following code will enable and then disable
MMAC:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com