Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 22Page - STMicroelectronics ST486DX Datasheet HTML 23Page - STMicroelectronics ST486DX Datasheet HTML 24Page - STMicroelectronics ST486DX Datasheet HTML 25Page - STMicroelectronics ST486DX Datasheet HTML 26Page - STMicroelectronics ST486DX Datasheet HTML 27Page - STMicroelectronics ST486DX Datasheet HTML 28Page - STMicroelectronics ST486DX Datasheet HTML 29Page - STMicroelectronics ST486DX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ST486DX - SMM SOFTWARE CONSIDERATIONS
36
mov
al,cl
or
al,08h
;set MMAC bit in CCR1
mov
al,0c1h
out
23h,al
mov
eax,CR3
;get Page Directory Base Reg
and
eax,0fffff000h
mov
ebx,edx
;linear address
shr
ebx,22
;get 10 byte Directory Entry
;read Directory Table
mov
eax,dword ptr fs:[eax+ebx*4]
and
eax,0fffff000h
mov
ebx,edx
;linear address
shr
ebx,12
and
ebx,03ffh
;get 10 byte Page Table Entry
mov
eax,dword ptr fs:[eax+ebx*4]
and
eax,0fffff000h
mov
ebx,edx
;linear address
and
ebx,0fffh
;get 12 byte offset into page
;Get the physical address of the instruction before the
;Current IP.
Save in BL.
mov
bl,byte ptr fs:[eax+ebx]
mov
al,0c1h
;set MMAC back to normal
out
22h,al
mov
al,cl
out
23h,al
;MMAC = 0
jmp
got_inst
;If paging is not enabled then checking for the HLT
;instruction is easy since the linear address equals
;the physical address.
no_paging:
mov
al,0c1h
;set MMAC
out
22h,al
in
al,23h
mov
ah,al
mov
al,0c1h
out
22h,al
mov
al,ah
or
al,08h
out
23h,al
;get instruction interrupted by SMI
mov
bl,byte ptr fs:[edx]
mov
al,0c1h
;store it in BL
out
22h,al



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com