Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 6Page - STMicroelectronics ST5092AD Datasheet HTML 7Page - STMicroelectronics ST5092AD Datasheet HTML 8Page - STMicroelectronics ST5092AD Datasheet HTML 9Page - STMicroelectronics ST5092AD Datasheet HTML 10Page - STMicroelectronics ST5092AD Datasheet HTML 11Page - STMicroelectronics ST5092AD Datasheet HTML 12Page - STMicroelectronics ST5092AD Datasheet HTML 13Page - STMicroelectronics ST5092AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Table 4: Control Register CR2 Functions
7
6
54
32
10
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
Data sent to Receive path or Data received from DR input
(1)
(1) Significant in companded mode only.
Table 5: Control Registers CR3 Functions
7
6
54
32
10
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
DX data transmitted
(1)
(1) Significant in companded mode only
Table 6: Control Register CR4 Functions
7
6
54
32
10
Function
VS
TE
SI
OE1
OE2
RTE HPB
SE
0
0
1
1
0
1
0
1
Transmit input muted
MIC1 Selected
MIC2 Selected
MIC3 Selected
*
0
1
Internal sidetone disabled
Internal sidetone enabled
*
0
0
1
1
0
1
0
1
Receive output muted
VFr output selected
VLr output selected
NOT ALLOWED
*
0
1
Ring / Tone to VFr or VLr disabled
Ring / Tone to VFr or VLr enabled
*
0
1
Receive HP filter enabled
Receive HP filter disabled
*
0
1
Receive Signal to VFr or VLr disabled
Receive Signal to VFr or VLr enabled
*
*:
state at power on initialization
X:
reserved: write 0
ST5092
10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com