Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 19Page - STMicroelectronics ST5092AD Datasheet HTML 20Page - STMicroelectronics ST5092AD Datasheet HTML 21Page - STMicroelectronics ST5092AD Datasheet HTML 22Page - STMicroelectronics ST5092AD Datasheet HTML 23Page - STMicroelectronics ST5092AD Datasheet HTML 24Page - STMicroelectronics ST5092AD Datasheet HTML 25Page - STMicroelectronics ST5092AD Datasheet HTML 26Page - STMicroelectronics ST5092AD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AMPLITUDE RESPONSE
Receive path
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GRAE
Receive Gain Absolute Accuracy
Receive gain programmed for
maximum
Apply -6 dBm0 PCM code to DR
Measure VFr+
-0.5
0.5
dB
GRAL
Receive Gain Absolute Accuracy
Receive gain programmed for
maximum
Apply -6 dBm0 PCM code to DR
Measure VLr+
-0.5
0.5
dB
GRAGE
Receive Gain Variation with
programmed gain
Measure VFr Gain over the
range from Maximum to
minimum setting.
Calculate the deviation from
the programmed gain relative
to GRAE,
i.e. GRAGE =G actual -G prog. -GRAE
-0.5
0.5
dB
GRAGL
Receive Gain Variation with
programmed gain
Measure VLr Gain over the
range from Maximum to
minimum setting.
Calculate the deviation from
the programmed gain relative
to GRAL,
i.e. GRAGL =G actual -G prog. -GRAL
-0.5
0.5
dB
GRAT
Receive Gain Variation with
temperature
Measured relative to GRA. (VLr
and VFr)
min. gain < GR < Max. gain
-0.1
0.1
dB
GRAV
Receive Gain Variation with
Supply
Measured relative to GRA. (VLr
and VFr)
GR = Maximum Gain
-0.1
0.1
dB
GRAF
Receive Gain Variation with
frequency (VLr and VFr)
HPB = 0
Relative to 1015,625 Hz,
multitone test technique used.
min. gain < GR < Max. gain
f = 60Hz
f = 100Hz
f = 200 Hz
f = 300 Hz
f = 400 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
-1.5
-0.5
-1.5
-20
-12
-2
0.5
0.5
0.0
-14
dB
dB
dB
dB
dB
dB
dB
Receive Gain Variation with
frequency (VLr and VFr)
HPB = 1
Relative to 1015,625 Hz,
multitone test technique used.
min. gain < GR < Max. gain
f = 50Hz
f = 100 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
-1.5
-0.5
-1.5
0.5
0.5
0.0
-14
dB
dB
dB
dB
GRAL E
Receive Gain Variation with
signal level (VFr)
Sinusoidal Test Method
Reference Level = –10 dBm0
DR = -40 dBm0 to -3 dBm0
DR = -50 dBm0 to -40 dBm0
DR = -55 dBm0 to -50 dBm0
-0.5
-0.5
-1.2
0.5
0.5
1.2
dB
dB
dB
GRAL L
Receive Gain Variation with
signal level (VLr)
Sinusoidal Test Method
Reference Level = –10 dBm0
DR = -40 dBm0 to -3 dBm0
DR = -50 dBm0 to -40 dBm0
DR = -55 dBm0 to -50 dBm0
-0.5
-0,5
-1.2
0.5
0.5
1.2
dB
dB
dB
ST5092
23/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com