Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 16Page - STMicroelectronics ST5092AD Datasheet HTML 17Page - STMicroelectronics ST5092AD Datasheet HTML 18Page - STMicroelectronics ST5092AD Datasheet HTML 19Page - STMicroelectronics ST5092AD Datasheet HTML 20Page - STMicroelectronics ST5092AD Datasheet HTML 21Page - STMicroelectronics ST5092AD Datasheet HTML 22Page - STMicroelectronics ST5092AD Datasheet HTML 23Page - STMicroelectronics ST5092AD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SERIAL CONTROL PORT TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCCLK
Frequency of CCLK
2.048
MHz
tWCH
Period of CCLK high
Measured from VIH to VIH
160
ns
tWCL
Period of CCLK low
Measured from VIL to VIL
160
ns
tRC
Rise Time of CCLK
Measured from VIL to VIH
50
ns
tFC
Fall Time of CCLK
Measured from VIH to VIL
50
ns
tHCS
Hold Time, CCLK high to CS– low
10
ns
tSSC
Setup Time, CS– low to CCLK high
50
ns
tSDC
Setup Time, CI valid to CCLK high
50
ns
tHCD
Hold Time, CCLK high to CI invalid
50
ns
tDCD
Delay Time, CCLK low to CO
data valid
Load = 100 pF
80
ns
tDSD
Delay Time, CS–low to CO data
valid
50
ns
tDDZ
Delay Time CS–high or 8th CCLK
low to CO high impedance
whichever comes first
10
80
ns
tHSC
Hold Time, 8th CCLK high to
CS– high
100
ns
tSCS
Set up Time, CS– high toCCLK high
100
ns
Note 5:
A signal is valid if it is above VIH or below VIL and invalid if it is between VIL and VIH.
For the purpoes of this specification the following conditions apply:
a) All input signal are defined as: VIL = 0.2VCC,VIH = 0.8VCC,tR < 10ns, tF < 10ns.
b) Delay times are measured from the inputs signal valid to the output signal valid.
c) Setup times are measured from the data input valid to the clock input invalid.
d) Hold times are measured from the clock signal valid to the data input invalid.
ELECTRICAL CHARACTERISTICS (unless otherwise specified, VCC = 2.7V to 3.6V, TA =–-30
°Cto 85°C;
typical characteristic are specified at VCC =3.0V, TA =25
°C ; all signalsare referencedto GND)
DIGITAL INTERFACES
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
All digital inputs
DC
AC
0.3VCC
V
0.2VCC
V
VIH
Input High Voltage
All digital inputs
DC
AC
0.7VCC
V
0.8VCC
V
VOL
Output Low Voltage
All digital outputs, IL =10
µA
All digital outputs, IL = 2mA
0.1
0.4
V
V
VOH
Output High Voltage
All digital outputs, IL =10
µA
All digital outputs, IL = 2mA
VCC-0.1
VCC-0.4
V
V
IIL
Input Low Current
Any digital input,
GND < VIN <VIL
-10
10
µA
IIH
Input High Current
Any digital input,
VIH <VIN <VCC
-10
10
µA
IOZ
Output Current in High
impedance (Tri-state)
DX and CO
-10
10
µA
A.C. TESTING INPUT, OUTPUT WAVEFORM
0.8VCC
0.2VCC
0.7VCC
0.3VCC
0.7VCC
0.3VCC
TEST POINTS
INTPUT/OUTPUT
D93TL077
AC Testing: inputs are driven at 0.8VCC for
a logic ”1”and 0.2VCC for a logic ”0 ”.
Timing measurements are made at 0.7VCC
for a logic ”1”and 0.3VCC for a logic ”0”.
ST5092
20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com