Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 15Page - STMicroelectronics ST5092AD Datasheet HTML 16Page - STMicroelectronics ST5092AD Datasheet HTML 17Page - STMicroelectronics ST5092AD Datasheet HTML 18Page - STMicroelectronics ST5092AD Datasheet HTML 19Page - STMicroelectronics ST5092AD Datasheet HTML 20Page - STMicroelectronics ST5092AD Datasheet HTML 21Page - STMicroelectronics ST5092AD Datasheet HTML 22Page - STMicroelectronics ST5092AD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TIMING SPECIFICATIONS (unless otherwise specified, VCC = 2.7V to 3.6V, TA =–30
°Cto 85°C;
typical characteristics are specified VCC = 3.0V, TA =25
°C;
all signals are referenced to GND, see Note 5 for timing definitions)
NOTICE: All timing specifications can be changed.
MASTER CLOCK TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fMCLK
Frequency of MCLK
Selection of frequency is
programmable (see table 2)
512
1.536
2.048
2.560
kHz
MHz
MHz
MHz
tWMH
Period of MCLK high
Measured from VIH to VIH
80
ns
tWML
Period of MCLK low
Measured from VIL to VIL
80
ns
tRM
Rise Time of MCLK
Measured from VIL to VIH
30
ns
tFM
Fall Time of MCLK
Measured from VIH to VIL
30
ns
PCM INTERFACE TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tHMF
Hold Time MCLK low to FS low
0
ns
tSFM
Setup Time, FS high to MCLK
low
30
ns
tDMD
Delay Time, MCLK high to data
valid
Load = 100 pf
100
ns
tDMZ
Delay Time, MCLK low to DX
disabled
10
100
ns
tDFD
Delay Time, FS high to data valid
Load = 100 pf ;
Applies only if FS rises later
than MCLK rising edge in Non
Delayed Mode only
100
ns
tSDM
Setup Time, DR valid to MCLK
receive edge
20
ns
tHMD
Hold Time, MCLK low to DR
invalid
10
ns
tHMFR
Hold Time MCLK High to FS low
30
ns
tSFMR
Setup Time, FS high to MCLK High
30
ns
tDMDR
Delay Time, MCLK low to data valid
Load = 100pF
100
ns
tDMZR
Delay Time, MCLK High to DX
disabled
10
100
ns
tHMDR
Hold Time, MCLK High to DR
invalid
20
ns
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
VCC to GND
5.5
V
Voltage at MIC (VCC
≤ 3.6V)
VCC +1 to GND -1
V
Current at VFr and VLr
+ 100
mA
Current at any digital output
+ 50
mA
Voltage at any digital input (VCC
≤ 3.6V); limited at + 50mA
VCC + 1 to GND - 1
V
Storage temperature range
- 65 to + 150
°C
Lead Temperature (wave soldering, 10s)
+ 260
°C
ST5092
19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com