Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 21Page - STMicroelectronics ST5092AD Datasheet HTML 22Page - STMicroelectronics ST5092AD Datasheet HTML 23Page - STMicroelectronics ST5092AD Datasheet HTML 24Page - STMicroelectronics ST5092AD Datasheet HTML 25Page - STMicroelectronics ST5092AD Datasheet HTML 26Page - STMicroelectronics ST5092AD Datasheet HTML 27Page - STMicroelectronics ST5092AD Datasheet HTML 28Page - STMicroelectronics ST5092AD Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
DISTORTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STDX
(*)
Signal to Total Distortion
(up to 35dB gain)
Typical values are measured with
30.5dB gain
Sinusoidal Test Method
(measured using linear 300 to
3400 weighting)
Level = 0 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
56
50
48
43
38
29
24
15
#
56
50
48
43
37.5
28.5
23
13
65
64
61
52
42
31
26
16
dB
dB
dB
dB
dB
dB
dB
dB
SDFx
Single Frequency Distortion
transmit
0 dBm0 input signal
-80
-56
dB
STDRE
(*)
Signal to Total Distortion (VFr)
( up to 20dB attenuation)
Typical values are measured with
20dB attenuation.
Sinusoidal Test Method
(measured using linear 300 to
3400 weighting)
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
50
48
43
38
29
24
15
64
62
53
43
33
28
18
dB
dB
dB
dB
dB
dB
dB
SDFr
Single Frequency Distortion
receive (VFr)
-6 dBm0 input signal
-80
-50
dB
STDRL
(*)
Signal to Total Distortion (VLr)
(up to 20dB attenuation)
Typical values are measured with
20dB attenuation
Sinusoidal Test Method
(measured using linear 300 to
3400 weighting)
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
50
48
43
38
29
24
15
64
62
53
43
33
28
18
dB
dB
dB
dB
dB
dB
dB
SDLr
Single Frequency Distortion
receive (VLr)
-6 dBm0 input signal
-80
-50
dB
IMD
Intermodulation
Loop-around measurement
Voltage at MIC = -10 dBm0
to -27 dBm0, 2 Frequencies in
the range 300 - 3400 Hz
-75
-46
dB
(*) The limit curve shall be determined by straight lines joining successive coordinates given in the table.
(#) Lower limits used during the automatic testing to avoid unrealistic yield loss due to
±2dB imprecision of time-limited noise measurements.
CROSSTALK
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CTx-r
Transmit to Receive
Transmit Level = 0 dBm0,
f = 300 - 3400 Hz
DR = Quiet PCM Code
-100
-65
dB
CTr-x
Receive to Transmit
Receive Level = -6 dBm0,
f = 300 - 3400 Hz
MIC = 0V
-80
-65
dB
ST5092
25/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com