Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST5092AD
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST5092AD Datasheet HTML 7Page - STMicroelectronics ST5092AD Datasheet HTML 8Page - STMicroelectronics ST5092AD Datasheet HTML 9Page - STMicroelectronics ST5092AD Datasheet HTML 10Page - STMicroelectronics ST5092AD Datasheet HTML 11Page - STMicroelectronics ST5092AD Datasheet HTML 12Page - STMicroelectronics ST5092AD Datasheet HTML 13Page - STMicroelectronics ST5092AD Datasheet HTML 14Page - STMicroelectronics ST5092AD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Table 8: Control Register CR6 Functions
7
6
54
32
10
Function
Earpiece ampifier
[EARA]
Extra amplifier [EXTA]
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
-2 dB gain
in 2 dB step
-30 dB gain
*
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
-2 dB gain
in 2 dB step
-30 dB gain
*
*: state at power on initialization
Table 9: Control Register CR7 Functions
7
6
5
4
3
2
1
0
Function
Tone gain
F1
F2
SN
DE
Attenuation
f1 Vpp
f2 Vpp
0
0
0
0
0
0
0
0
1
1
0
0
0
0
1
1
1
1
X
X
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
0
1
0
1
....0dB *
-3 dB
-6 dB
-9 dB
-12 dB
-15 dB
-18 dB
-21 dB
-24 dB
-27 dB
...1.6(2)
0.066
1.26(2)
0.053
0
0
1
1
0
1
0
1
f1 and f2 muted
f2 selected
f1 selected
f1 and f2 in summed mode
*
0
1
Squarewave signal selected
Sinewave signal selected
*
0
1
Normal operation
Tone / Ring Generator connected to
Transmit path
*
*:
state at power on initialization
(2):
value provided if f1 or f2 is selected alone.
if f1 and f2 are selected in the summed mode, f1=0.89 V pp while f2=0.7 Vpp.
X
reserved: write 0
Table 7: Control Register CR5 Functions
7
6
54
32
10
Function
Transmit amplifier
Sidetone amplifier
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
1.5 dB gain
in 1.5 dB step
22.5 dB gain
*
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
-12.5 dB gain
-13.5 dB gain
in 1 dB step
-27.5 dB gain
*
*: state at power on initialization
ST5092
11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com