Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 6Page - STMicroelectronics ST5451 Datasheet HTML 7Page - STMicroelectronics ST5451 Datasheet HTML 8Page - STMicroelectronics ST5451 Datasheet HTML 9Page - STMicroelectronics ST5451 Datasheet HTML 10Page - STMicroelectronics ST5451 Datasheet HTML 11Page - STMicroelectronics ST5451 Datasheet HTML 12Page - STMicroelectronics ST5451 Datasheet HTML 13Page - STMicroelectronics ST5451 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MONR2
Monitor Receive Register 2
After reset FFH
(GCI and TE mode only)
The value read from MONR2 gives the
value of the byte received from M
channel in 2nd GCI channel.
TSR
Time Slot Register
After reset 00
TSR7 TSR6 TSR5 TSR4 TSR3 TSR2 TSR1 TSR0
In GCI mode (MDS1= 1 in CF Register)
a) CCS=1 in CF Reg. (64 Kbit/s)
Then: TSR2 indicates B1 or B2
TSR4/7 indicate position of
GCI channel
b) CCS=0 in CF Reg. (16 Kbit/s)
Then: TSR4/7 indicate position of
GCI and its D channel
In Multiplexed Mode
(MDS1=0 in CF Register)
a) CCS=1 in CF Reg. (64 Kbit/s)
Then: TSR2/7 indicate channel
position in the 64 time slots
multiplex
b) CCS=0 in CF Reg. (16 Kbit/s)
Then: TSR0/7 indicate channel
position in the 256 time slots
multiplex.
CA
Configurationn Register A
After reset 00
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
CA0
SAPI 0 is recognized
CA0 = 1
CA1
SAPI 63
CA1 = 1
CA2
SAPI x
CA2 = 1
CA3
SAPI y
CA3 = 1
CA4
TEI 127
CA4 = 1
CA5
TEI z
CA5 = 1
CA6
TEI t
CA6 = 1
CA7
Address filter active
CA7 = 1
CB
Configuration register B
After reset 00
Content of CB indicate SAPI x value
High Order 6 Bits
SAPI
0
0
CC
Configuration Register C
After reset 00
Content of CC indicate SAPI y value
High Order 6 Bits
SAPI
0
0
N (number of bytes in the
frame received without CRC)
Counter
n (number of 32 bytes blocks
received )
765
432 1 0
Nn
m
n
1 Min
000
00001
0
2
000
00010
0
3
000
00011
0
30
000
11110
0
31
000
11111
0
32
001
00000
1
33
001
00001
1
62
001
11110
1
63
001
11111
1
64
010
00000
2
222
110
11110
6
223
110
11111
6
224
111
11111
7
256
111
00000
7
257
111
00001
7
-
111
-
7
TABLE 3
ST5451
10/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com