Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 24Page - STMicroelectronics ST5451 Datasheet HTML 25Page - STMicroelectronics ST5451 Datasheet HTML 26Page - STMicroelectronics ST5451 Datasheet HTML 27Page - STMicroelectronics ST5451 Datasheet HTML 28Page - STMicroelectronics ST5451 Datasheet HTML 29Page - STMicroelectronics ST5451 Datasheet HTML 30Page - STMicroelectronics ST5451 Datasheet HTML 31Page - STMicroelectronics ST5451 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Figure 16: Non-multiplexed
µP bus timing
READ CYCLE (Non-multiplexed mode)
Symbol
Parameter
Min.
Max.
Unit
tEAH
Address Hold After E
10
ns
tEAH
R/W Hold After E
10
ns
tAES
Address to E Setup
20
ns
tAES
R/W to E. Setup
20
ns
tACC
Data Delay from E
110
ns
tDF
Output Float Delay
25
ns
tWE
Minimum Width of E
110
ns
WRITE CYCLE (Non-multiplexed mode)
Symbol
Parameter
Min.
Max.
Unit
tEAH
Address Hold After
10
ns
tEAH
R/W Hold After E
10
ns
tAES
Address to E Setup
20
ns
tAES
R/W to E.CS Setup
20
ns
tDES
Data to End of E Setup
35
ns
tEDH
End of E.CS to Data hold
10
ns
tWE
Minimum Width of E
60
ns
tRW
Minimum Width of RESET
100
ns
ST5451
28/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com