Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 14Page - STMicroelectronics ST5451 Datasheet HTML 15Page - STMicroelectronics ST5451 Datasheet HTML 16Page - STMicroelectronics ST5451 Datasheet HTML 17Page - STMicroelectronics ST5451 Datasheet HTML 18Page - STMicroelectronics ST5451 Datasheet HTML 19Page - STMicroelectronics ST5451 Datasheet HTML 20Page - STMicroelectronics ST5451 Datasheet HTML 21Page - STMicroelectronics ST5451 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
4 - 8 - 2 - M CHANNELS INTERRUPTS EOM,
RMR, XMR, RAB
Receive Direction
RMR 1/2 is a bit of interrupt register ISTA 1/2
coming high to indicate the M (or M’) channel
controller has received a valid byte on receiving
channel (two identical consecutive bytes).
The microprocessor processing order is;
1. Erasing RMR 1/2 interrupt into ISTA 1/2
2. Read MONR 1/2 register.
This order can’t be inverted because, as long as
MONR isn’t read, the receive state machine is
locked in wait state, a new byte can’t be acknow-
ledged and so, a new interrupt can’t be done.
More, if MONR is read first, the receive state ma-
chine is ready for receiving a new byte and create
another interrupt. So, if the interrupt bit corre-
sponding to the previous frame isn’t erased be-
fore a new byte arrives, this byte won’t be seen
(the microprocessor won’t be informed) and the
controller will be locked waiting for MONR read.
XAB 1/2 is a bit of the interrupt register coming
high to indicate the receive controller has de-
tected an abort (two conscutive bytes not identi-
cal) as long as this interrupt isn’t erased, the re-
ceiver is locked in wait state.
EOM 1/2 is a bit of the interrupt register coming
high to indicate the receive controller has de-
tected an end of message. As long as the inter-
rupt isn’t erased, the receiver is locked in wait
state.
Transmit Direction
XMR 1/2 is a bit of the interrupt register coming
high to indicate a byte can be written into MONX.
The processing order is:
1. Erasing XMR bit
2. Writing a new byte into MONX.
If this order is inverted, the new byte will be trans-
mitted and a new XMR may be erased before be-
ing seen by the microprocessor.
RAB 1/2 is a bit of the interrupt register coming
high to indicate the remote receiver has reported
an abort detection. The processing order is:
1. Erasing RAB bit
2. Erasing XMR bit
3. Writing a new byte into MONX.
If a write operation of the new byte is done before
the RAB erasing, the byte will be lost and the
transmitter will stay waiting for it.
4 - 8 - 3 - CI CHANNEL INTERRUPTS
CIC 1/2 is a bit of ISTA 1/2 interrupt register com-
ing high to indicate a valid byte has been de-
tected by the command indicate receive control-
ler, and readable into CIR 1/2 register. The
processing order is:
1. Erasing CIC bit
2. Reading CIR register.
If this order is inverted, a next byte may be un-
seen by the microprocessor. It is recommended
to work with ”Ping Pong” protocol on CI channels,
as non flow control is done.
4 - 9 - SOFTWARE RESET PROCEDURES
4 - 9 - 1 - XRES (Transmit Direction)
XRES is a level sensitive command of CMDR
which initialize the transmit process.
- XPR interrupt bit is erased
- XDU interrupt bit is not erased (security pro-
cedure)
- All data in FIFOs are lost
- After an XRES, the microprocessor must wait
for an XPR before writing new data.
The processing order is:
- Writing a ”1” into XRES (CMDR)
- Writing a ”0” into XRES (CMDR)
- Read ISTA0 waiting XPR or enable XPR in-
terrupt
4 - 9 - 2 - RHR (Receive Direction)
RHR is a level sensitive command of CMDR,
which reinitialize the receive process.
- RME, RPF bits are erased
- RFO bit is erased
- All frames in FIFO R are lost
- If RHR is released (got down) at the time a
frame is on line, the HDLC controller waits
for a flag.
4 - 9 - 3 - M1RES, M2RES M/CI channels
MRES is a level sensitive command of CMDR
which initialize the M/CI channel protocole in both
directions.
XMR, RAB, RMR, CIC, XAB, EOM bits are
erased by MRES.
After a clock programming (bit CRS), it’s neces-
sary to put MRES bit to initialize properly the M
protocol.
ST5451
18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com