Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 26Page - STMicroelectronics ST5451 Datasheet HTML 27Page - STMicroelectronics ST5451 Datasheet HTML 28Page - STMicroelectronics ST5451 Datasheet HTML 29Page - STMicroelectronics ST5451 Datasheet HTML 30Page - STMicroelectronics ST5451 Datasheet HTML 31Page - STMicroelectronics ST5451 Datasheet HTML 32Page - STMicroelectronics ST5451 Datasheet HTML 33Page - STMicroelectronics ST5451 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Figure 18: Multiplexed Motorola-like
µP bus timing
Symbol
Parameter
Min.
Max.
Unit
tWAS
AS Pulse Width
30
ns
tWDS
DS Pulse Width
110
ns
tASDS
AS low to DS high
10
ns
tRWS
RW to DS setup
20
ns
tRWH
RW hold after DS
10
ns
tCSS
CS to DS setup
20
ns
tCSH
CS hold after DS
10
ns
tAAS
Address to AS setup
20
ns
tAAH
Address hold after AS
10
ns
READ CYCLE
Symbol
Parameter
Min.
Max.
Unit
tDV
Data Valid after DS
110
ns
tDF
Output Flat Delay
25
ns
WRITE CYCLE
Symbol
Parameter
Min.
Max.
Unit
tDWS
Data to DS setup
35
ns
tDWH
Data Hold after DS
10
ns
ST5451
30/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com