Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 26Page - STMicroelectronics ST5451 Datasheet HTML 27Page - STMicroelectronics ST5451 Datasheet HTML 28Page - STMicroelectronics ST5451 Datasheet HTML 29Page - STMicroelectronics ST5451 Datasheet HTML 30Page - STMicroelectronics ST5451 Datasheet HTML 31Page - STMicroelectronics ST5451 Datasheet HTML 32Page - STMicroelectronics ST5451 Datasheet HTML 33Page - STMicroelectronics ST5451 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DMA BUS TIMING (Reception Mode)
Symbol
Parameter
Min.
Max.
Unit
tACC
Data Delay from ACKR
110
ns
tDF
Output Float Delay
25
ns
tWAR
Minimum width ACKR
110
ns
tWAR
Minimum width ACKR
70
ns
tDRAR
REQR Delay from ACKR
80
ns
DMA BUS TIMING (Transmission Mode)
Symbol
Parameter
Min.
Max.
Unit
tDAS
Data Setup to ACKX
35
ns
tDAH
Data Hold from ACKX
10
ns
tWAX
Minimum width ACKX
60
ns
tWAX
Minimum width ACKX
70
ns
tDRAX
REQX Delay from ACKX
80
ns
Figure 19: DMA frame reception timing
Figure 20: DMA frame transmission timing
ST5451
31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com