Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5451 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 22Page - STMicroelectronics ST5451 Datasheet HTML 23Page - STMicroelectronics ST5451 Datasheet HTML 24Page - STMicroelectronics ST5451 Datasheet HTML 25Page - STMicroelectronics ST5451 Datasheet HTML 26Page - STMicroelectronics ST5451 Datasheet HTML 27Page - STMicroelectronics ST5451 Datasheet HTML 28Page - STMicroelectronics ST5451 Datasheet HTML 29Page - STMicroelectronics ST5451 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS - Double Clock Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSync
8 KHz
8
KHz
FCLK
16 x n x FSync 1
≤ n ≤ 64
128
8192
KHz
tWCH
Period of CLK High
50
ns
tWCL
Period of CLK Low
50
ns
tRC
Rise Time of CLK
10
ns
tFC
Full Time of CLK
10
ns
tHCF
Hold Time: CLK - FS
0
ns
tSFC
Set-up Time: FS - CLK
30
ns
tDCD
Delay Time: CLK High to data valid. out: 150 pF
80
ns
tDCZ
Delay Time: to Data Disabled
0
80
ns
tDFD
Delay Time: FSync. High to data valid. count: 150 pF. Applies
only if Sync rises later than CLK raising edge.
80
ns
tSDC
Set-up Time: Data valid to CLK receive edge.
30
ns
tHDC
Hold Time: CLK low to data invalid.
30
ns
ELECTRICAL CHARACTERISTICS - Single Clock Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSync
8 KHz
8
KHz
FCLK
8 x n x FSync 1
≤ n ≤ 64
64
4096
KHz
tWCH
Period of CLK High
80
ns
tWCL
Period of CLK Low
80
ns
tRC
Rise Time of CLK
10
ns
tFC
Full Time of CLK
10
ns
tHCF
Hold Time: CLK - FS
0
ns
tSFC
Set-up Time: FS - CLK
100
ns
tDCD
Delay Time: CLK High to data valid. out: 150 pF
80
ns
tDCZ
Delay Time: to Data Disabled
0
80
ns
tDFD
Delay Time: FSync. High to data valid. count: 150 pF. Applies
only if Sync rises later than CLK raising edge.
80
ns
tSDC
Set-up Time: Data valid to CLK receive edge.
30
ns
tHDC
Hold Time: CLK low to data invalid.
30
ns
ST5451
26/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com