Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 60Page - STMicroelectronics ST6399B1 Datasheet HTML 61Page - STMicroelectronics ST6399B1 Datasheet HTML 62Page - STMicroelectronics ST6399B1 Datasheet HTML 63Page - STMicroelectronics ST6399B1 Datasheet HTML 64Page - STMicroelectronics ST6399B1 Datasheet HTML 65Page - STMicroelectronics ST6399B1 Datasheet HTML 66Page - STMicroelectronics ST6399B1 Datasheet HTML 67Page - STMicroelectronics ST6399B1 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tWRES
Minimum Pulse Width
RESET Pin
125
ns
tOHL
High to Low Transition Time
PA6, PA7
VDD = 5V, CL = 1000pF (2)
100
ns
tOHL
High to Low Transition Time
DA0-DA5, PB0-PB6, OSD
Outputs, PC0-PC7,
VDD = 5V, CL = 100pF
20
ns
tOLH
Low to High Transition Time
PB0-PB6, PA0-PA3, OSD
Outputs, PC0-PC3
VDD = 5V, CL = 100pF
20
ns
tOH
Data HOLD Time
SPI after clock goes low
I
2CBUS/S-BUS Only
All devices
750
ns
f DA
D/A Converter Repetition
Frequency
(1)
ST6391,92,93,99
ST6395,97
31.25
25
kHz
f SIO
SIO Baud Rate
(1)
ST6391,92,93,99
ST6395,97
62.50
100
kHz
tWEE
EEPROM Write Time
TA =25
°C One Byte
5
10
ms
Endurance
EEPROM WRITE/ERASE
Cycles
QA LOT
Acceptance Criteria
300.000
>1
million
cycles
Retention
EEPROM Data Retention (4)
TA =25
°C
10
years
CIN
Input Capacitance (3)
All Inputs Pins
10
pF
COUT
Output Capacitance (3)
All outputs Pins
10
pF
COSCin,
COSCout
Oscillator Pins Internal
Capacitance(3)
5pF
COSDin,
COSDout
OSD Oscillator External
Capacitance
Recommended
15
25
pF
Notes:
1.
A clock other than 8 MHz will affect the frequency response of those peripherals (D/A, 62.5kHz and SPI) whose clock is
derived from the system clock.
2.
The rise and fall times of PORT A have been reduced in order to avoid current spikes while maintaining a high drive capability
3.
Not 100% Tested
4.
Based on extrapolated data
AC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C, fOSC=8MHz, VDD=4.5 to 6.0V unless otherwise specified )
®
ST6391,92,93,95,97,99
60/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com