Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 17Page - STMicroelectronics ST6399B1 Datasheet HTML 18Page - STMicroelectronics ST6399B1 Datasheet HTML 19Page - STMicroelectronics ST6399B1 Datasheet HTML 20Page - STMicroelectronics ST6399B1 Datasheet HTML 21Page - STMicroelectronics ST6399B1 Datasheet HTML 22Page - STMicroelectronics ST6399B1 Datasheet HTML 23Page - STMicroelectronics ST6399B1 Datasheet HTML 24Page - STMicroelectronics ST6399B1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
MEMORY SPACES (Continued)
INTERRUPT
The ST639x Core can manage 4 different mask-
able interrupt sources, plus one non-maskable in-
terrupt source (top priority level interrupt). Each
source is associated with a particular interrupt vec-
tor that contains a Jump instruction to the related
interrupt service routine. Each vector is located in
the Program Space at a particular address (see
Table 6). When a source provides an interrupt re-
quest, and the request processing is also enabled
by the ST639x Core, then the PC register is loaded
with the address of the interrupt vector (i.e. of the
Jump instruction). Finally, the PC is loaded with the
address of the Jump instruction and the interrupt
routine is processed.
The relationship between vector and source and
the associated priority is hardware fixed for the dif-
ferent ST639x devices. For some interrupt sources
it is also possible to select by software the kind of
event that will generate the interrupt.
All interrupts can be disabled by writing to the GEN
bit (global interrupt enable) of the interrupt option
register (address C8h). After a reset, ST639x is in
non maskable interrupt mode, so no interrupts will
be accepted and NMI flags will be used, until a
RETI instruction is executed. If an interrupt is exe-
cuted, one special cycle is made by the core, dur-
ing that the PC is set to the related interrupt vector
address. A jump instruction at this address has to
redirect program execution to the beginning of the
related interrupt routine. The interrupt detecting cy-
cle, also resets the related interrupt flag (not avail-
able to the user), so that another interrupt can be
stored for this current vector, while its driver is un-
der execution.
If additional interrupts arrive from the same source,
they will be lost. NMI can interrupt other interrupt
routines at any time, while other interrupts cannot
interrupt each other. If more than one interrupt is
waiting for service, they are executed according to
their priority. The lower the number, the higher the
priority. Priority is, therefore, fixed. Interrupts are
checked during the last cycle of an instruction
(RETI included). Level sensitive interrupts have to
be valid during this period.
Additional Notes on Parallel Mode. If the user
wants to perform a parallel programming the first
action should be the set to one the PE bit; from this
moment the first time the EEPROM will be ad-
dressed in writing, the ROW address will be
latched and it will be possible to change it only at
the end of the programming procedure or by reset-
ting PE without programming the EEPROM. After
the ROW address latching the Core can “see” just
one EEPROM row (the selected one) and any at-
tempt to write or read other rows will produce er-
rors. Do not read the EEPROM while PE is set.
As soon as PE bit is set, the 8 volatile ROW latches
are cleared. From this moment the user can load
data in the whole ROW or just in a subset. PS set-
ting will modify the EEPROM registers correspond-
ing to the ROW latches accessed after PE. For
example, if the software sets PE and accesses
EEPROM in writing at addresses 18h,1Ah,1Bh and
then sets PS, thesethree registers will be modified at
the same time; the remaining bytes will have no par-
ticular content. Note that PE is internally reset at the
end of the programming procedure. This implies that
the user must set PE bit between two parallel pro-
gramming procedures. Anyway the user can set and
then reset PE without performing any EEPROM pro-
gramming. PS is a set only bit and is internally reset
at the end of the programming procedure. Note that
if the user tries to set PS while PE is not set there will
not be any programming procedure and the PS bit
will be unaffected. Consequently PS bit can not be
set if EN is low. PS can be affected by the user set if,
and only if, EN and PE bits are also set to one.
®
ST6391,92,93,95,97,99
17/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com