Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 4Page - STMicroelectronics ST6399B1 Datasheet HTML 5Page - STMicroelectronics ST6399B1 Datasheet HTML 6Page - STMicroelectronics ST6399B1 Datasheet HTML 7Page - STMicroelectronics ST6399B1 Datasheet HTML 8Page - STMicroelectronics ST6399B1 Datasheet HTML 9Page - STMicroelectronics ST6399B1 Datasheet HTML 10Page - STMicroelectronics ST6399B1 Datasheet HTML 11Page - STMicroelectronics ST6399B1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
PC
D/AOutputs
TIMER 2
IR INTERRUPT
Input
TEST
TIMER 1
PORT C
PORT B
PORT A
AFC Input
ON-SCREEN
DISPLAY
DIGITAL
WATCHDOG/TIMER
SERIAL PERIPHERAL
INTERFACE
VDD
V
SS
OSCin
OSCout
RESET
R, G, B, BLANK
HSYNC, VSYNC
VR0 1753G
PA0 - PA7 *
DA0 - DA5
IRIN/PC6
TEST
AFC
PB0 - PB7 *
PC2, PC4 - PC7 *
PC0 / SCL
PC1 / SDA
PC3 / SEN
POWER SUPPLY
OSCILLATOR
RESET
8-BIT CORE
USER PROGRAM
ROM
UP TO 20 kBytes
DATA ROM
USER SELECTABLE
DATA EEPROM
384 Bytes
DATA RAM
256 Bytes
* Refer To Pin Configuration Fo r Additional Information
Figure 4. ST6391,92,93, 95,97,99 Block Diagram
DEVICE
ROM
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
AFC
D/A
COLOUR
PINS
LOW
POWER IN
RESET
PWRIN
PIN
SPI
CLK FREQ.
(kHz)
62.5kHz
Pin
EMULATING
DEVICES
ST6391
16K
256
128
NO
5
3
NO
NO
62.5
NO
ST63E91
ST6392
20K
256
128
NO
4
3
YES
YES
62.5
YES
ST63E92
ST6393
16K
256
128
YES
6
3
NO
NO
62.5
NO
ST63E93
ST6395
20K
256
384
NO
5
3
NO
YES
100
NO
ST63E95
ST6397
20K
256
384
YES
6
3
NO
NO
100
NO
ST63E97
ST6399
16K
256
128
NO
4
3
YES
YES
62.5
YES
ST63E99
Table 1. Device Summary
®
ST6391,92,93,95,97,99
4/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com