Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 10Page - STMicroelectronics ST6399B1 Datasheet HTML 11Page - STMicroelectronics ST6399B1 Datasheet HTML 12Page - STMicroelectronics ST6399B1 Datasheet HTML 13Page - STMicroelectronics ST6399B1 Datasheet HTML 14Page - STMicroelectronics ST6399B1 Datasheet HTML 15Page - STMicroelectronics ST6399B1 Datasheet HTML 16Page - STMicroelectronics ST6399B1 Datasheet HTML 17Page - STMicroelectronics ST6399B1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
MEMORY SPACES
The MCUs operate in three different memory
spaces: Stack Space, Program Space, and Data
Space. A description of these spaces is shown in
Figure 11.
Stack Space
The stack space consists of six 12 bit registers that
are used for stacking subroutine and interrupt return
addressesplus the current program counterregister.
Program Space
The program space is physically implemented in
the ROM and includes all the instructions that are
to be executed, as well as the data required for the
immediate addressing mode instructions, the re-
served test area and user vectors. It is addressed
thanks to the 12-bit Program Counter register (PC
register) and so, the ST639x Core can directly ad-
dress up to 4K bytes of Program Space. Neverthe-
less, the Program Space can be extended by the
addition of 2-Kbyte ROM banks as it is shown in
Figure 13 in which a 20K bytes memory is de-
scribed. These banks are addressed by pointing to
the 000h-7FFh locations of the Program Space
thanks to the Program Counter, and by writing the
appropriate code in the Program ROM Page Reg-
ister (PRPR) located at the CAh address of the
Data Space. Because interrupts and common sub-
routines should be available all the time only the
lower 2K byte of the 4K program space are bank
switched while the upper 2K byte can be seen as
static space. Table 3 gives the different codes that
allows the selection of the corresponding banks.
Note that, from the memory point of view, the Page
1 and the Static Page represent the same physical
memory: it is only a different way of addressing the
same location. On the ST6392,95,97, a total of
2048, bytes of ROM have been implemented;
20140 are available as user ROM while 340 are re-
served for testing.
PROGRAM SPACE
VR001568
IN TER RU PT &
R ESET VEC TOR S
ACCUMULATOR
WR EGI STER
RAM
DATA ROM
WI NDO W
R AM / E EPROM
BAN KI NG AR EA
DATA SPACE
DATA RAM
BAN K SELEC T
DATA ROM
WI N D OW SELEC T
V RE GI STER
Y R EGI STER
X RE GI STER
0-63
00 00h
07FFh
08 00h
0FF0h
0FFFh
000h
03Fh
040h
070h
080h
081h
082h
083h
084h
0FFh
0C0 h
ROM
ROM
STACK LEVE L 1
STACK LEVE L 2
STACK LEVE L 3
STACK LEVE L 4
STACK LEVE L 5
STACK LEVE L 6
PROGRAM COUNTER
STACK SPACE
Figure 11. ST639x Memory Addressing Description Diagram
Program
counter
space
0000h
4FFFh
0FFFh
Static Page
Page 1
0800h
07FFh
Page 0
Page 1
Static Page
Page 9
0000h
Figure 12. ST639x 20K Bytes Program Space
Addressing Description
®
ST6391,92,93,95,97,99
10/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com