Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 41Page - STMicroelectronics ST6399B1 Datasheet HTML 42Page - STMicroelectronics ST6399B1 Datasheet HTML 43Page - STMicroelectronics ST6399B1 Datasheet HTML 44Page - STMicroelectronics ST6399B1 Datasheet HTML 45Page - STMicroelectronics ST6399B1 Datasheet HTML 46Page - STMicroelectronics ST6399B1 Datasheet HTML 47Page - STMicroelectronics ST6399B1 Datasheet HTML 48Page - STMicroelectronics ST6399B1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
6-BIT PWM D/A CONVERTERS
The D/A macrocell contains up to six PWM D/A
outputs (31.25kHz repetition, DA0-DA5) with six bit
resolution.
Each D/A converter of ST639x is composed by the
following main blocks:
- pre-divider
- 6-bit counter
- data latches and compare circuits
The pre-divider uses the clock input frequency
(8MHz typical) and its output clocks the 6-bit free-
running counter. The data latched in the six regis-
ters (E0h, E1h, E2h, E3h, E6h and E7h) control the
six D/A outputs (DA0,1,2, 3, 4 and 5). When all ze-
ros are loaded the relevant output is an high logic
level; all 1’s correspond to a pulse with a 1/64 duty
cycle and almost 100% zero level.
The repetition frequency is 31.25kHz and is related
to the 8MHz clock frequency. Use of a different os-
cillator frequency will result in a different repetition
frequency. All D/A outputs are open-drain with
standard current drive capability and able to with-
stand up to 12V.
DA0-DA5. These are the 6 bits of the PWM digital
to analog converter. Undefined after reset.
AFC A/D COMPARATOR
AFC A/D INPUT,IR/PC6 RESULT, VSYNC RESULT
The AFC macrocell contains an A/D comparator
with five levels at intervals of 1V from 1V to 5V. The
levels can all be lowered by 0.5V to effectively dou-
ble the resolution.
A/D Comparator
The A/D used to perform the AFC function (when
high threshold is selected) has the following volt-
age levels: 1,2,3,4 and 5V. Bits 0-2 of AFC result
register (E4h address) will provide the result in bi-
nary form (less than 1V is 000, greater than 5V is
101).
If the application requires a greater resolution, the
sensitivity can be doubled by clearing to zero bit 2
of the OUTPUTS control register, address E5h. In
this case all levels are shifted lower by 0.5V. If the
two results are now added within a software rou-
tine then the A/D S-curve can be located within a
resolution of 0.5V.
The A/D input has high impedance able to with-
stand up to 13V signals (input level tolerances
±200mV absolute and ± 100mv relative to 5V).
DA0, DA1, DA2, DA3, DA4, DA5
DA0 to DA5 Data/control Registers
(E0h, E1h, E2h, E3h, E6h, E7h Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Unused
Unused
Figure 50. DA0-DA5 Data/Control Registers
Figure 51.6-bit PWM D/A Output Configuration
Figure 52. AFC Inputs Configuration Diagram
®
ST6391,92,93,95,97,99
41/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com