Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399B1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6399B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399B1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6399B1 Datasheet HTML 3Page - STMicroelectronics ST6399B1 Datasheet HTML 4Page - STMicroelectronics ST6399B1 Datasheet HTML 5Page - STMicroelectronics ST6399B1 Datasheet HTML 6Page - STMicroelectronics ST6399B1 Datasheet HTML 7Page - STMicroelectronics ST6399B1 Datasheet HTML 8Page - STMicroelectronics ST6399B1 Datasheet HTML 9Page - STMicroelectronics ST6399B1 Datasheet HTML 10Page - STMicroelectronics ST6399B1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
GENERAL DESCRIPTION
The ST639x microcontrollers are members of the 8-
bit HCMOS ST638x family, a series of devices spe-
cially oriented to TV applications. Different ROM size
and peripheral configurations are available to give
the maximum application and cost flexibility. All
ST639x members are based on a building block ap-
proach: a common core is surrounded by a combina-
tion of on-chip peripherals (macrocells) available
from a standard library. These peripherals are de-
signed with the same Core technology providing full
compatibility and short design time. Many of these
macrocells are specially dedicated to TV applica-
tions. The macrocells of the ST639x family are: two
Timer peripherals each including an 8-bit counter
with a 7-bit software programmable prescaler
(Timer), a digital hardware activated watchdog
function (DHWD), a 14-bit voltage synthesis tuning
peripheral, a Serial Peripheral Interface (SPI), up
to six 6-bit PWM D/A converters, an AFC A/D con-
verter with 0.5V resolution, an on-screen display
(OSD) with 15 characters per line and 128 charac-
ters (in two banks each of 64 characters). In addi-
tion the following memory resources are available:
program ROM (up to 20K), data RAM (256 bytes),
EEPROM (up to 384 bytes). Refer to pin configura-
tions figures and to ST639x device summary (Ta-
ble 1) for the definition of ST639x family members
and a summary of differences among the different
types.
®
ST6391,92,93,95,97,99
3/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com