Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 168Page - STMicroelectronics ST723219 Datasheet HTML 169Page - STMicroelectronics ST723219 Datasheet HTML 170Page - STMicroelectronics ST723219 Datasheet HTML 171Page - STMicroelectronics ST723219 Datasheet HTML 172Page - STMicroelectronics ST723219 Datasheet HTML 173Page - STMicroelectronics ST723219 Datasheet HTML 174Page - STMicroelectronics ST723219 Datasheet HTML 175Page - STMicroelectronics ST723219 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 185 page
background image
ST72321
172/185
14 ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM/FASTROM).
ST72321 devices are ROM versions. ST72P321
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are factory-pro-
grammed HDFlash devices. Each device is availa-
ble for production in user programmable versions
(FLASH) as well as in factory coded versions
(ROM). FLASH devices are shipped to customers
with a default content, while ROM/FASTROM fac-
tory coded parts contain the code supplied by the
customer. This implies that FLASH devices have
to be configured by the customer using the Option
Bytes while the ROM/FASTROM devices are fac-
tory-configured.
14.1 FLASH OPTION BYTES
The option bytes allow the hardware configuration
of the microcontroller to be selected. They have no
address in the memory map and can be accessed
only in programming mode (for example using a
standard ST7 programming tool). The default con-
tent of the FLASH is fixed to FFh. To program the
FLASH devices directly using ICP, FLASH devices
are shipped to customers with the internal RC
clock source enabled. In masked ROM devices,
the option bytes are fixed in hardware by the ROM
code (see option list).
OPTION BYTE 0
OPT7= WDG HALT
Watchdog and HALT mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = CSS
Clock security system on/off
This option bit enables or disables the clock secu-
rity system function (CSS) which includes the
clock filter and the backup safe oscillator.
0: CSS enabled
1: CSS disabled
Caution: The CSS function is not guaranteed. Re-
fer to Section 15
OPT4:3= VD[1:0]
Voltage detection
These option bits enable the voltage detection
block (LVD, and AVD) with a selected threshold for
the LVD and AVD (EVD+AVD).
Caution: If the medium or low thresholds are se-
lected, the detection may occur outside the speci-
fied operating voltage range. Below 3.8V, device
operation is not guaranteed. For details on the
AVD and LVD threshold levels refer to Section
12.3.2 on page 139
OPT2 = Reserved, must be kept at default value.
OPT1= PKG0
Package selection bit 0
This option bit is used to select the package (see
table in PKG1 option bit description).
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE 1
70
WDG
VD
OSCTYPE
OSCRANGE
10
1
0
2
10
Default
11100
1
1
1
1
1
1
0
1
1
1
1
Selected Low Voltage Detector
VD1
VD0
LVD and AVD Off
1
1
Lowest Threshold: (VDD~3V)
1
0
Med. Threshold (VDD~3.5V)
0
1
Highest Threshold (VDD~4V)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com