Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 169Page - STMicroelectronics ST723219 Datasheet HTML 170Page - STMicroelectronics ST723219 Datasheet HTML 171Page - STMicroelectronics ST723219 Datasheet HTML 172Page - STMicroelectronics ST723219 Datasheet HTML 173Page - STMicroelectronics ST723219 Datasheet HTML 174Page - STMicroelectronics ST723219 Datasheet HTML 175Page - STMicroelectronics ST723219 Datasheet HTML 176Page - STMicroelectronics ST723219 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 185 page
background image
ST72321
173/185
ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
OPT0= FMP_R
Flash memory read-out protection
This option indicates if the user flash memory is
protected against read-out piracy. This protection
is based on read and a write protection of the
memory in test modes and ICP mode. Erasing the
option bytes when the FMP_R option is selected
causes the whole user memory to be erased first,
and the device can be reprogrammed. Refer to
Section 4.3.1 and the ST7 Flash Programming
Reference Manual for more details.
Note: Readout protection is not supported if LVD
is enabled.
0: Read-out protection enabled
1: Read-out protection disabled
OPTION BYTE 1
OPT7= PKG1
Package selection bit 1
This option bit, with the PKG0 bit, selects the pack-
age.
Note: On the chip, each I/O port has 8 pads. Pads
that are not bonded to external pins are in input
pull-up configuration after reset. The configuration
of these pads must be kept at reset state to avoid
added current consumption.
OPT6 = RSTC
RESET clock cycle selection
This option bit selects the number of CPU cycles
applied during the RESET phase and when exiting
HALT mode. For resonator oscillators, it is advised
to select 4096 due to the long crystal stabilization
time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
OPT5:4 = OSCTYPE[1:0]
Oscillator Type
These option bits select the ST7 main clock
source type.
OPT3:1 = OSCRANGE[2:0]
Oscillator range
When the resonator oscillator type is selected,
these option bits select the resonator oscillator
current source corresponding to the frequency
range of the used resonator. Otherwise, these bits
are used to select the normal operating frequency
range.
OPT0 = PLLOFF
PLL activation
This option bit activates the PLL which allows mul-
tiplication by two of the main input clock frequency.
The PLL must not be used with the internal RC os-
cillator. The PLL is guaranteed only with an input
frequency between 2 and 4MHz.
0: PLL x2 enabled
1: PLL x2 disabled
CAUTION: the PLL can be enabled only if the
“OSC RANGE” (OPT3:1) bits are configured to
“MP - 2~4MHz”. Otherwise, the device functionali-
ty is not guaranteed.
Version
Selected Package
PKG 1 PKG 0
(A)R
TQFP64
1
0
J
TQFP44
0
0
Clock Source
OSCTYPE
10
Resonator Oscillator
0
0
Reserved
0
1
Internal RC Oscillator
1
0
External Source
1
1
Typ. Freq. Range
OSCRANGE
21
0
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com