Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 172Page - STMicroelectronics ST723219 Datasheet HTML 173Page - STMicroelectronics ST723219 Datasheet HTML 174Page - STMicroelectronics ST723219 Datasheet HTML 175Page - STMicroelectronics ST723219 Datasheet HTML 176Page - STMicroelectronics ST723219 Datasheet HTML 177Page - STMicroelectronics ST723219 Datasheet HTML 178Page - STMicroelectronics ST723219 Datasheet HTML 179Page - STMicroelectronics ST723219 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 185 page
background image
ST72321
176/185
ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
ST72321 MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Version/Temp. Range (do not check for die product). Please refer to datasheet for specific sales conditions:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC1
[ ] External Clock
PLL2
[ ] Disabled
[ ] Enabled
CSS4
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] High threshold
[ ] Med. threshold5 [ ] Low threshold5
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
Readout Protection3:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1LVD must be enabled when internal RC is selected.
4Not guaranteed
2PLL must not be enabled if internal RC or External Clock is selected.
5Device operation below 3.8V not guaranteed
3Readout protection is not supported if LVD is enabled.
---------------------------------
ROM DEVICE:
---------------------------------
|
|
-------------------------------------
60K
-------------------------------------
||
-------------------------------------
48K
-------------------------------------
||
-----------------------------------
32K
-----------------------------------
TQFP44 10x10:
|
[ ] ST72321J9
|
[ ] ST72321J7
|
TQFP64 14x14:
|
[ ] ST72321R9
|
[ ] ST72321R7
|
[ ] ST72321R6
TQFP64 10x10:
|
[ ] ST72321AR9
|
[ ] ST72321AR7
|
[ ] ST72321AR6
---------------------------------
DIE FORM:
---------------------------------
|
|
---------------------------------------
60K
---------------------------------------
||
--------------------------------------
48K
--------------------------------------
||
------------------------------------
32K
------------------------------------
64-pin:
|
[ ]
|
[ ]
|
[ ]
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
|
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
--------------------
Standard
--------------------
||
-------------------
Automotive
-------------------
||
---------------------------------------
Temp. Range
---------------------------------------
[ ]
|
|
0°C to +70°C
[ ]
|
|
-10°C to +85°C
[ ]
|
[ ]
|
-40°C to +85°C
|
[ ]
|
[ ] -40°C to +105°C
|
[ ]
|
[ ] -40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com