Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 176Page - STMicroelectronics ST723219 Datasheet HTML 177Page - STMicroelectronics ST723219 Datasheet HTML 178Page - STMicroelectronics ST723219 Datasheet HTML 179Page - STMicroelectronics ST723219 Datasheet HTML 180Page - STMicroelectronics ST723219 Datasheet HTML 181Page - STMicroelectronics ST723219 Datasheet HTML 182Page - STMicroelectronics ST723219 Datasheet HTML 183Page - STMicroelectronics ST723219 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 185 page
background image
ST72321
180/185
15 IMPORTANT NOTES
15.1 Silicon Identification
This section refers to ST72F321/ST72321 devices
shown in Table 30 and Table 31. They are identifi-
able both by the last letter of the Trace code
marked on the device package and by the last 3
digits of the Internal Sales Type printed on the
box label.
Table 30. Flash Device Identification
Table 31. ROM Device Identification
15.2 ALL FLASH AND ROM DEVICES
15.2.1 External RC option
The External RC clock source option described in
previous datasheet revisions is no longer support-
ed and has been removed from this specification.
15.2.2 CSS Function
The Clock Security System function is not guaran-
teed. The features described in Section 6.4.3 are
subject to revision.
15.2.3 Safe Connection of OSC1/OSC2 Pins
The OSC1 and/or OSC2 pins must not be left un-
connected otherwise the ST7 main oscillator may
start and, in this configuration, could generate an
fOSC clock frequency in excess of the allowed
maximum (>16MHz.), putting the ST7 in an un-
safe/undefined state. Refer to Section 6.2 on page
24.
15.2.4 Unexpected Reset Fetch
If an interrupt request occurs while a "POP CC" in-
struction is executed, the interrupt controller does
not recognise the source of the interrupt and, by
default, passes the RESET vector address to the
CPU.
Workaround
To solve this issue, a "POP CC" instruction must
always be preceded by a "SIM" instruction.
15.2.5 Internal RC Oscillator with LVD
The internal RC can only be used if LVD is ena-
bled.
15.2.6 Read-out protection with LVD
The LVD is not supported if the read-out protection
is enabled.
15.2.7 16-bit Timer PWM Mode
In PWM mode, the first PWM pulse is missed after
writing the value FFFCh in the OC1R register
(OC1HR, OC1LR). It leads to either full or no PWM
during a period, depending on the OLVL1 and
OLVL2 settings.
Part
Number
Trace Code
marked on device
Internal Sales Type
on box label
ST72F321
xxxx
“xxxxxxxxxQ”
(current revision)
72F321xxxx$A2
72F321xxxx$U2
ST72F321
xxxx
“xxxxxxxxxS”
72F321xxxx$U8
Part
Number
Trace Code
marked on device
Internal Sales Type
on box label
ST72321x
xxx
“xxxxxxxxxX”
(current revision)
72321xxxx/xxx$U4
ST72321x
xxx
“xxxxxxxxxY”
72321xxxx/xxx$U3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com