Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 177Page - STMicroelectronics ST723219 Datasheet HTML 178Page - STMicroelectronics ST723219 Datasheet HTML 179Page - STMicroelectronics ST723219 Datasheet HTML 180Page - STMicroelectronics ST723219 Datasheet HTML 181Page - STMicroelectronics ST723219 Datasheet HTML 182Page - STMicroelectronics ST723219 Datasheet HTML 183Page - STMicroelectronics ST723219 Datasheet HTML 184Page - STMicroelectronics ST723219 Datasheet HTML 185Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 181 / 185 page
background image
ST72321
181/185
15.3 FLASH REV “S” and ALL ROM DEVICES
15.3.1 External clock source with PLL
External clock source is not supported with the
PLL enabled.
15.3.2 LVD Startup behaviour
When the LVD is enabled, the MCU reaches its
authorized operating voltage from a reset state.
However, in some devices, the reset state is re-
leased when VDD is approximately between 0.8V
and 1.5V. As a consequence, the I/Os may toggle
when VDD is within this window.
This may be an issue especially for applications
where the MCU drives power components.
Because Flash write access is impossible within
this window, the Flash memory contents will not be
corrupted.
Figure 111. LVD Startup Behaviour
5V
1.5V
VIT+
0.8V
LVD RESET
V D
D
Window
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com