Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 177Page - STMicroelectronics ST723219 Datasheet HTML 178Page - STMicroelectronics ST723219 Datasheet HTML 179Page - STMicroelectronics ST723219 Datasheet HTML 180Page - STMicroelectronics ST723219 Datasheet HTML 181Page - STMicroelectronics ST723219 Datasheet HTML 182Page - STMicroelectronics ST723219 Datasheet HTML 183Page - STMicroelectronics ST723219 Datasheet HTML 184Page - STMicroelectronics ST723219 Datasheet HTML 185Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 182 / 185 page
background image
ST72321
182/185
15.4 FLASH REV “S” and ROM Rev “Y”
DEVICES ONLY
15.4.1 I/O Port D Configuration
When using an external quartz crystal or ceramic
resonator, the fOSC2 clock may be disturbed be-
cause the device goes into reserved mode control-
led by Port D.
This happens with either one of the following con-
figurations:
– PD[3:1]=010 while CSS and PLL options are
both disabled and PD4 is toggling
– PD[4:1]=1010 while CSS or PLL options are en-
abled
This is detailed in the following table:
As a consequence, for cycle-accurate operations,
these configurations are prohibited in either input
or output mode.
Workaround:
To avoid this occurring, it is recommended to con-
nect one of these pins to GND (PD2 or PD4) or
VDD (PD1 or PD3).
15.5 ALL ROM DEVICES
15.5.1 LVD Operation
Depending on the operating conditions, especially
the VDD ramp up speed and ambient temperature,
in some cases the LVD may not start. When this
occurs, the MCU may operate outside the guaran-
teed functional area (see datasheet Figure 76)
without being forced into reset state.
In this case, proper use of the watchdog may
make it possible to recover through a watchdog re-
set and allow normal operations to resume.
Consequently, the LVD function is not guaranteed
in the current silicon revision. For complete securi-
ty, an external reset circuit must be added.
15.5.2 AVD not supported
On some devices with a specific VDD ramp up
speed the AVD may not start. As a result it cannot
generate interrupts when VDD rises and falls.
15.5.3 Internal RC oscillator operation
Internal RC oscillator operation is not supported in
ROM devices.
CSS
PLL PD[3:1]
PD4
Clock
Disturbance
OFF
OFF
010
Tog-
gling
Max. 2 clock cy-
cles lost at each
rising or falling
edge of PD4
xON
010
1
Max. 1 clock cy-
cle lost out of
every 16
ON
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com