Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 7 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TRANSMITTER ELECTRICAL CHARACTERISTICS
The test conditions are A/DVDD = +5V, A/DGND = 0V, A/DVSS = -5V,
Tamb = -10 to +70
oC unless othewise specified
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VTAC
Max Carrier Output AC Voltage
RL =2k
Ω,VALCI <VT1
2.8
3.2
3.7
VPP
HD2
Second Harmonic Distortion
RL =2k
Ω,VALCI <VT1
0.32
%
FD
FSK Peak-to-peak Deviation
BRS = 0
BRS = 1
600
1200
Hz
Hz
TRxTx
Carrier Activation Time
After Rx/Tx 1
→ 0 transition
1
ms
TALC
Carrier Stabilisation Time
ALC maximum settling time, 32 gain steps
5
ms
DRNG
ALC Dynamic Range
25
26
27
dB
VT1
ALC Low Threshold Voltage
1.81
1.87
V
VT2
ALC High Threshold Voltage
2.12
2.18
V
GST
ALC Gain Step
0.84
dB
PSRR1
PSRR2
Power supply rejection ratio on ATO
(see Note 1)
VIN = 200mVPP,fIN = 50Hz on VDD or VSS
35
10
dB
dB
Note 1 : This characteristic is guaranteed by correlation.
RECEIVER ELECTRICAL CHARACTERISTICS
The test conditions are A/DVDD = +5V, A/DGND = 0V, A/DVSS = -5V,
Tamb = -10 to +70
oC unless othewise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Maximum Input Signal
2VRMS
RIN
Input Impedance
100
k
Ω
RCJ
Recovered Clock Jitter
Percentage of the nominal clock
- 5
+ 5
%
PSRR1
PSRR2
Power supply rejection ratio on
RxFO (see Note 1)
VIN = 200mVPP,fIN = 50Hz on VDD or VSS
35
10
dB
dB
VIN0
VIN1
Rx sensitivity (see Note 1)
Typical measured BER < 10
-5
BRS = 0
BRS = 1
2
3
mVRMS
BER1
BER2
Bit error rate at minimum Rx
signal (see Note 1)
White Noise, S/N = 15dB
RAI = 2mVRMS, BRS = 0
RAI = 3mVRMS, BRS = 1
2
⋅ 10-5
3
⋅ 10-4
10
-3
10
-3
BER3
Bit error rate at maximum Rx sig-
nal (see Note 1)
RAI = 2VRMS, White Noise, S/N = 25dB
10
-7
10
-3
BER4
Bit error rate at medium Rx signal
(see Note 1)
RAI= 0.6VRMS, S/N= 15dB
10
-6
10
-3
BER5
Bit error rate with impulsive noise
(see Note 1)
RAI = 90mVRMS,N = 5VPP pulse wave,
f = 100Hz, duty cycle = 10%
10
-3
BER6
BER7
Bit error rate with modulated
sinusoidal noise Ns (see Note 1)
S+ Ns < 0.2VRMS, Ns = sine carrier with
80% AM modul., fm = 1kHz, See Figure 5
Smin = 2mVRMS, BRS = 0
Smin = 3mVRMS, BRS = 1
10
-3
10
-3
Note 1 : This characteristic is guaranteed by correlation
ST7536
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com