Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 8 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
20
10
0
-10
-20
-30
-40
-50
0
0.5
1
1.5
2
B
Frequency (f/fc)
B = 20kHz at 600 Bit/s (BRS = 0)
B = 40kHz at 1200 Bit/s -BRS = 1)
fc : Central Carrier Frequency
S
S/N
(dB)
Figure 5 : S/N Mask for 80% AM Sine Noise
FILTER TEMPLATES
Frequency
(kHz)
Test
Conditions
Amplitude (dB)
Min.
Typ.
Max.
RECEIVE AND TRANSMIT FILTER
54
BRS = 0,
CHS = 0
-35
79.05
- 4
- 3
- 2
Ref 82.05
0
85.05
- 4
- 3
- 2
123
- 35
44.4
BRS = 0,
CHS = 1
-35
65
-4
-3
-2
Ref 67.46
0
69.93
- 4
- 3
- 2
101.13
- 35
47.57
BRS = 1,
CHS = 0
-35
69.64
- 4
- 3
- 2
Ref 72.28
0
74.92
- 4
- 3
- 2
108.36
- 35
57.08
BRS = 1,
CHS = 1
-35
83.57
- 4
- 3
- 2
Ref 86.74
0
89.91
- 4
- 3
- 2
130.03
- 35
Frequency
(kHz)
Test
Conditions
Amplitude (dB)
Min.
Typ.
Max.
INTERMEDIATE FREQUENCY FILTER
1.2
BRS = 0
-35
2.15
- 5
- 3
- 2
Ref 2.7
0
3.25
- 5
- 3
- 2
5.8
- 35
2.4
BRS = 1
-35
4.3
-5
-3
- 2
Ref 5.4
0
6.5
-5
-3
- 2
11.6
- 35
ST7536
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com