Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 2 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN DESCRIPTION
Pin
Number
Name
Type
Description
1
Rx/Tx
Digital
Rx or Tx mode selection input
2
RESET
Digital
Logic reset and power-down mode input. Active when low.
3
TEST4
Digital
Test input which selects the Tx band-pass filter input (TxFI) when high.
4
TEST3
Digital
Test input which gives an access to the clock recovery input stage. This input is selected
when TEST1 is high.
5
RxD
Digital
Synchronous receive data output
6
CLR/T
Digital
Rx or Tx clock according to the functional mode
7
RxDEM
Digital
Demodulated data output
8
DGND
Supply
Digital ground
9DVDD
Supply
Digital positive supply voltage : 5V
± 5%
10
TEST1
Digital
Test input which cancels the Tx to Rx mode automatic switching and validates TEST3
input. Active when high.
11
TEST2
Digital
Test input which reduces the Tx to Rx mode automatic switching time. Active when high.
12
TxD
Digital
Transmit data input
13
XTAL2
Digital
Crystal oscillator output
14
XTAL1
Digital
Crystal oscillator input
15
CHS
Digital
Channel selection input
16
BRS
Digital
Baud rate selection input
17
AFCF
Analog
Automatic frequency control output for connecting compensation network.
18
DVSS
Supply
Digital negative supply voltage : -5V
± 5%
19
IFO
Analog
Intermediate frequency filter output
20
DEMI
Analog
FSK demodulator input
21
AVSS
Supply
Analog negative supply voltage : -5V
± 5%
22
AGND
Supply
Analog ground : 0V
23
AVDD
Supply
Analog positive supply voltage : 5V
± 5%
24
RAI
Analog
Receive analog input
25
RxFO
Analog
Receive filter output
26
TxFI
Analog
Transmit filter input (selected when TEST4 is high)
27
ALCI
Analog
Automatic level control input
28
ATO
Analog
Analog transmit output
ST7536
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com