Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 6 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
AVDD/DVDD
Positive Supply Voltage (1)
-0.3, +7
V
AVSS/DVSS
Negative Supply Voltage (1)
-7, +0.3
V
VAGND/DGND
Voltage between AGND and DGND
-0.3, +0.3
V
VI
Digital Input Voltage
DGND-0.3, DVDD+0.3
V
VO
Digital Output Voltage
DGND-0.3, DVDD+0.3
V
IO
Digital Output Current
-5, +5
mA
Vi
Analog Input Voltage
AVSS-0.3, AVDD+0.3
V
Vo
Analog Output Voltage
AVSS-0.3, AVDD+0.3
V
Io
Analog Output Current
-5, +5
mA
PD
Power Dissipation
500
mW
Toper
Operating Temperature
- 25, + 70
oC
Tstg
Storage Temperature
- 65, + 150
oC
Notes : 1. The voltages are referenced to AGND and DGND.
2. Latch-up problems can be overcome with 2 reverse biased schottky diodes connected respectively between A/DVDD & A/DGND
and A/DVSS & A/DGND.
3. Absolute maximum ratings are values beyond which damage to device may occur. Functional operation un der these conditions is
not implied.
GENERAL ELECTRICAL CHARACTERISTICS
The test conditions are A/DVDD = +5V, A/DVSS = -5V, A/DGND = 0V,
Tamb = -10 to 70
oC unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AVDD/DVDD
Positive Supply Voltage
4.75
5
5.25
V
AVSS/DVSS
Negative Supply Voltage
-5.25
-5
-4.75
V
AIDD +DIDD
Positive Supply Current in Tx Mode
RESET = 1, RX/Tx = 0
30
35
mA
AIDD +DIDD
Positive Supply Current in Rx Mode
RESET = 1, RX/Tx = 1
29
34
mA
AISS +DISS
Negative Supply Current in Tx Mode
RESET = 1, RX/Tx = 0
- 34
- 29
mA
AISS +DISS
Negative Supply Current in Rx Mode
RESET = 1, RX/Tx = 1
- 33
- 28
mA
AIDD +DIDD
Positive Power-down Current
RESET = 0, RX/Tx = 1
XTAL1 = 1
1.2
mA
AISS +DISS
Negative Power-down Current
- 1.2
mA
VIH
High Level Input Voltage
Digital inputs except XTAL1
2.2
V
VIL
Low Level Input Voltage
Digital inputs
0.8
V
VOH
High Level Output Voltage
Digital outputs, IOH = - 400
µA
2.4
V
VOL
Low Level Output Voltage
Digital outputs, IOL = 1.6mA
0.4
V
VIH
High Level Input Voltage
XTAL1 input
3.6
V
DC
XTAL1 Clock Duty Cycle
External clock
40
60
%
ST7536
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com