Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ST7536
POWER LINE MODEM
November 1998
.
HALF DUPLEX SYNCHRONOUS FSK MODEM
- TWO PROGRAMMABLE CHANNELS FOR
600BPS DATA RATE
- TWO PROGRAMMABLE CHANNELS FOR
1200BPS DATA RATE
.
AUTOMATICALLYTUNED Rx AND Tx FILTERS
.
TX CARRIER FREQUENCIES SYNTHESIZED
FROM EXTERNAL CRYSTAL
.
LOW DISTORTION Tx SIGNAL (S/H2
≥ 50dB)
.
AUTOMATIC LEVELCONTROL ON Tx SIGNAL
.
Rx SENSITIVITY : 2mVRMS
(600bps)
3mVRMS (1200bps)
.
Rx CLOCK RECOVERY
.
POWER-DOWN MODE
.
SUITABLE TO APPLICATION IN ACCORDANCE
WITH DH028/29 ENEL, EN50065-1 CENELEC
AND FCC SPECIFICATIONS
DESCRIPTION
The ST7536 is a half duplex synchronous FSK
MODEM designed for power line communication
network applications.
It operates from a dual power supply +5V and -5V,
and requires an external interface for the coupling
to the power line. It offers two programmable data
rate with two programmable channels each.
PLCC28
(Plastic Leaded Chip Carrier Package)
ORDER CODE : ST7536CFN
5
6
7
8
9
10
11
19
20
21
22
23
24
25
V
DD
SS
AV
DV
DD
RxFO
RAI
AGND
DEMI
IFO
TEST 2
TEST 1
CLR/T
RxD
RxDEM
DGND
A
PIN CONNECTIONS
1/9


Similar Part No. - ST7536

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7537 STMICROELECTRONICS-ST7537 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
Jun-1995
More results

Similar Description - ST7536

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
Power line modem
April 15 1992
logo
ON Semiconductor
AMIS-49587 ONSEMI-AMIS-49587 Datasheet
475Kb / 59P
Power Line Carrier Modem
June, 2009 ??Rev. P0
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
Power Line Carrier Modem
December, 2009 -- Rev. P2
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
Power Line Carrier Modem
December, 2011 ??Rev. P0
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
AMIS-49587 ONSEMI-AMIS-49587_15 Datasheet
371Kb / 56P
Power Line Carrier Modem
December, 2015 ??Rev. 2
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com