Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7536 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7536
Description  POWER LINE MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7536 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7536 Datasheet HTML 1Page - STMicroelectronics ST7536 Datasheet HTML 2Page - STMicroelectronics ST7536 Datasheet HTML 3Page - STMicroelectronics ST7536 Datasheet HTML 4Page - STMicroelectronics ST7536 Datasheet HTML 5Page - STMicroelectronics ST7536 Datasheet HTML 6Page - STMicroelectronics ST7536 Datasheet HTML 7Page - STMicroelectronics ST7536 Datasheet HTML 8Page - STMicroelectronics ST7536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FUNCTIONAL DESCRIPTION
1 - Transmit Section
The transmit mode is set when Rx/Tx = 0, if Rx/Tx
is held at 0 longer than 3s, thenthe device switches
automatically in the Rx mode. A new activation of
the Tx mode requires Rx/Tx to be returned to 1 for
a minimum 2
µs period before being set to 0.
The Transmit Data (TxD) is sampled on a positive
edge of CLR/T which delivers the transmit bit clock
when the transmit mode is selected. This data
enters a FSK modulator whose two basic frequen-
cies are selected by the Baud Rate Selection pin
(BRS) and the Channel Selection pin (CHS) ac-
cording to the Table 1.
CLR/T
TxD
DATA VALID
Figure 1 : Tx Data Input Timing
Table 1
BRS
CHS
Baud Rate
(Baud)
Tx Frequencies (kHz)
TxD=1 - TxD=0
0
0
600
81.75 - 82.35
0
1
600
67.2 - 67.8
1
0
1200
71.4 - 72.6
1
1
1200
85.95 - 87.15
These frequencies are synthesized from a
11.0592MHzcrystal oscillator ; theirprecision is the
same as the crystal one’s (100 ppm).
The modulatedsignal coming out of the FSK modu-
lator is filtered by a switched-capacitor band-pass
filter (Tx band-pass) in order to limit the output
spectrum and to reduce the level of harmonic com-
ponents.
The output stage of the Tx path consists of an
Automatic Level Control (ALC) system which keeps
the output signal (ATO) amplitude independant of
the lineimpedancevariations. ThisALC is a variable
gain system (with 32 discrete values) controlled by
an analog feed-back signal ALCI (see Figure 2).
The ALC gain range is 0dB to -26dB and gain
change is clocked at 7200Hz. Gain steps are of
magnitude 0.84dB typically.
A period of this clock is decomposed into a 34.7
µs
gain settling latency and a 104.2
µs peak detecting
time. The gain change is related to the result of a
peak detection obtained by making a direct com-
parison of ALCI maximum value (during detecting
time) with two threshold voltages VT1 and VT2 (see
Figure 2).
- max (VALCI) < VT1 - The next gain is increased
by 0.84dB,
-VT1
≤ max (VALCI) ≤ VT2 - No gain change,
-VT2 < max (VALCI) - The next gain is decreased
by 0.84dB.
Amplitude
modification
due to an
external cause
High Gain
Low Gain
Correct Gain
Correct
Gain
VT2
VT1
ALCI SIGNAL ENVELOP
ALC CLOCK
Figure 2 : Automatic Level Control Timing Chart
ST7536
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com