Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 15Page - STMicroelectronics ST75C540FP-A Datasheet HTML 16Page - STMicroelectronics ST75C540FP-A Datasheet HTML 17Page - STMicroelectronics ST75C540FP-A Datasheet HTML 18Page - STMicroelectronics ST75C540FP-A Datasheet HTML 19Page - STMicroelectronics ST75C540FP-A Datasheet HTML 20Page - STMicroelectronics ST75C540FP-A Datasheet HTML 21Page - STMicroelectronics ST75C540FP-A Datasheet HTML 22Page - STMicroelectronics ST75C540FP-A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
V.4.3 - Crystal
The crystal frequency must be 44.2368MHz for
ST75C530 and 49.152MHz for ST75C540 with an
accuracy better that
±100 ppm. When using a third
harmonic crystal the schematic must be as follow :
see Figure 10.
The crystal features are :
- third harmonic,
- parallel, load capacitance = 10pF,
- æ 100ppm from 0
oCto 70oC,
-RS <50
Ω,
- ATcut (example : SM55-10 MATEL).
XTAL H3 **
C2
27pF
COG
L*
0.82
µH (ST75C530)
0.68
µH (ST75C540)
Cb
10nF
C1
10pF
COG
ST75C540
73
72
EXTALL
XTALL
Wire wound inductor recommanded (Example : SIGMA-SC30)
Thrird harmonic (Example : MATEL-SM55-10)
*
**
XTAL H3 : 44.2368MHz (ST75C530)
49.152MHz (ST75C540)
Figure 10
V.4.4 - Typical Application Schematic
The Figure 11 is a block diagram designed to allow
transmission of fax signals up to +0dBm and sine
wave up to +6dBm on the telephone line. It allows
reception of fax signals up to 0dBm and sine waves
up to +6dBm.Figure12 is a blockdiagramdesigned
V - FUNCTIONAL DESCRIPTION (continued)
-1/2
600
Ω
1:1
Line
2.2nF
+8dB
-10dB
V
CM
TxA1
TxA2
RxA
Figure 11
-1/2
600
Ω
1:1
Line
2.2nF
0dB
0dB
V
CM
TxA1
TxA2
RxA
Figure 12
to allow transmission of Modem signal up to -
10dBm and reception up to -10dBm. The OPAmps
are +12/0V powered. With this application sche-
matic the out of band transmit spectrum (from 4kHz
to 50kHz) is below -72dBm.
Figures 13 and 14 are examples of application sche-
maticswhich respectsgainvalue(respectivelyfor fax
and voice application and for Modem application)
andthe minimum differentialloadon TxA1 andTxA2.
V.4.5 - Host Interface
The host interface is seen by the micro as a 128x8
RAM, with additional registers accessible through
an 8-bit address space. A selection Pin (INT/MOT)
allows to configurethe host bus for either INTEL or
MOTOROLA type control signals.
ST75C530 - ST75C540
19/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com