Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 44Page - STMicroelectronics ST75C540FP-A Datasheet HTML 45Page - STMicroelectronics ST75C540FP-A Datasheet HTML 46Page - STMicroelectronics ST75C540FP-A Datasheet HTML 47Page - STMicroelectronics ST75C540FP-A Datasheet HTML 48Page - STMicroelectronics ST75C540FP-A Datasheet HTML 49Page - STMicroelectronics ST75C540FP-A Datasheet HTML 50Page - STMicroelectronics ST75C540FP-A Datasheet HTML 51Page - STMicroelectronics ST75C540FP-A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
VIII.2.5.2 - Default Optional Status in Fax Mode
While in Fax Modem mode the format of the STAOP word is as follows :
Optional Status Words in MODEM Mode
Add.
Name
Bit
76
543
2
1
0
$0C
STAOP0
x
x
x
SPEED
(2)(5)
SPVAL
(1)(5)
$0D
STAOP1
STAQUAS
$0E
STAOP2
PNSUCs
PRDETs
PNDETs
SCR1s
PRs
PNs
P2s
P1s
$0F
STAOP3
TDT19
TDT18
TDT17
TDT16
DTMF_DIGIT
(4)
Notes : 1. SPVAL is active in V.33 receiver only at the same time as the rising transition of the SCR1s signal. When SPVAL is set, it indicates
that the SPEED bits contain the Data speed information.
2. SPEED is valid in V.33 receiver only it can have 2 values, after the SCR1s signal goes high : 1000 for 14400bps and 0111 for
12000bps.
3. The STAOP2 Bit reflects the progression of the Synchronisation.
4. Only valid in V.21 Channel 2 Receive mode.
The STAOP2 Bits have the following meanings :
STAOP2 in Fax Modem Mode
Name
Position
Description
P1s
0
Unmodulated carrier sequence. Optional, used for echo protection.
P2s
1
Continuous 180
° phase reversal sequence
PNs
2
Equalizer trainning sequence
PRs
3
V.33 and V.17 rate sequence
SCR1s
4
Continuous scrambled 1 sequence
PNDETs
5
Turned on after PN sequence detection
PRDETs
6
Turned on after PR sequence detection (V.33 and V.17 only)
PNSUCs
7
Turned on after succesfull training of the receive equalizer. When on at the end of the
synchronization, the transmition BER is statisticaly bellow 10ppm.
VIII - STATUS DESCRIPTION (continued)
ST75C530 - ST75C540
48/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com