Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 29Page - STMicroelectronics ST75C540FP-A Datasheet HTML 30Page - STMicroelectronics ST75C540FP-A Datasheet HTML 31Page - STMicroelectronics ST75C540FP-A Datasheet HTML 32Page - STMicroelectronics ST75C540FP-A Datasheet HTML 33Page - STMicroelectronics ST75C540FP-A Datasheet HTML 34Page - STMicroelectronics ST75C540FP-A Datasheet HTML 35Page - STMicroelectronics ST75C540FP-A Datasheet HTML 36Page - STMicroelectronics ST75C540FP-A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
DSIT
Define Status Interrupt
DSIT
Opcode:
13
000
10011
Synopsis
DSIT specifies the bit mask used with the STATUS[0] and STATUS[1] byte to generate an
interrupt IT4 to controller. Each time a bit change happens in the status words, assuming
the corresponding bit mask will be set, an interrupt will be generated.
Parameters
Field
Byte
Pos.
Value
Definition
STA_IT_MSK0
1
7..0
Status[0] bit mask pattern
STA_IT_MSK1
2
7..0
Status[1] bit mask pattern
Note :
The default IT Status is 0x3F for STATUS[0] and 0xFF for STATUS[1].
FORM
Select Transmission Format
FORM
Opcode:
09
000
01001
Synopsis
FORM defines the type of transmission used on the line.
Parameters
Field
Byte
Pos.
Value
Definition
X_SYNC
1
2..0
000*
001
010
011
100
Synchronous format
Transmit continous “1”
(1)
HDLC framing
Transmit continous ”0”
(1)
UART
X_ANBIT
2
1..0
00
01
7 Bit per character
8 Bit per character
X_APAR
2
3..2
00
01
10
No parity
Even parity
Odd parity
X_ASTOP
2
5
0
1
1 stop bit
(1)
2 stop bit
(1)
Note :
1. Valid only when transmitting.
HSHK
Handshake
HSHK
Opcode:
04
000
00100
Synopsis
HSHK is used to command the ST75C530/540 to begin the transmit handshake sequence
processing. The progress of the handshake is reported to the control processor.
Parameter
Non parametric command.
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
33/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com