Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 34Page - STMicroelectronics ST75C540FP-A Datasheet HTML 35Page - STMicroelectronics ST75C540FP-A Datasheet HTML 36Page - STMicroelectronics ST75C540FP-A Datasheet HTML 37Page - STMicroelectronics ST75C540FP-A Datasheet HTML 38Page - STMicroelectronics ST75C540FP-A Datasheet HTML 39Page - STMicroelectronics ST75C540FP-A Datasheet HTML 40Page - STMicroelectronics ST75C540FP-A Datasheet HTML 41Page - STMicroelectronics ST75C540FP-A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
SETGN
Set Output Gain
SETGN
Opcode:
02
000
00010
Synopsis
SETGN is a command which sets the scaling factor of the transmit samples. It is used for
setting the output level or for setting the level of the tone generators. The gain value is given
in the form of a 2’s complement 16-bit value.
Parameter
Field
Byte
Pos.
Value
Definition
GAIN_L
1
7..0
range FF*
Low byte of the 16-bit gain value
GAIN_H
2
7..0
range 7F*
High byte of the 16-bit gain value
Example
Gain (dB)
Gain (Hex)
Gain (dB)
Gain (Hex)
Gain (dB)
Gain (Hex)
0
7FFF
-5
47FA
-10
287A
-1
7214
-6
4026
-11
2413
-2
65AC
-7
392C
-12
2026
-3
5A9D
-8
32F5
-13
1CA7
-4
50C3
-9
2D6A
-14
198A
The multiplication factor is : 10
(-1/20) = 0.89125 for 1dB step.
SLEEP
Turn to Sleep Mode
SLEEP
Opcode:
03
000
00011
Synopsis
SLEEP is used to force the ST75C530/540 to turn to low power mode.
Parameter
Non parametric command.
Note :
When receiving this command the ST75C530/540 will stop processing and so cannot have the regular handshake protocol.
It does not increment the COMACK, neither generate an Interrupt.
STOP
FAX Stop Transmitter
STOP
Opcode:
25
001
00101
Synopsis
STOP is used, in FAX Modes, to force the ST75C530/540 to turn off the transmitter in
accordance with the corresponding ITU-T V.33/V.17/V.29/V.27recommendation.
Parameter
Non parametric command.
Note :
When receiving this command the ST75C530/540 will stop sending regular Data. This command must be preceded by a
XMIT Stop command. The ST75C530/540 will wait until all the transmit buffers are sent before starting the Stop sequence.
SYNC
FAX Synchronize the Receiver
SYNC
Opcode:
26
0
0
1001
1
0
Synopsis
SYNC is used, in FAX Modes, to force the ST75C530/540 to Start/Stop the receiver in
accordance with the corresponding ITU-T V.33/V.17/V.29/V.27recommendation.As soon as
the ST75C530/540 receives the SYNC Start command it sets its receiver to detect the FAX
synchronization signal.This command is the equivalent HSHK command for the receiver.
Parameters
Field
Byte
Pos.
Value
Definition
RX_SYNC
1
0
0*
1
Stop receiver
Start receiver synchronization
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
38/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com