Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 26Page - STMicroelectronics ST75C540FP-A Datasheet HTML 27Page - STMicroelectronics ST75C540FP-A Datasheet HTML 28Page - STMicroelectronics ST75C540FP-A Datasheet HTML 29Page - STMicroelectronics ST75C540FP-A Datasheet HTML 30Page - STMicroelectronics ST75C540FP-A Datasheet HTML 31Page - STMicroelectronics ST75C540FP-A Datasheet HTML 32Page - STMicroelectronics ST75C540FP-A Datasheet HTML 33Page - STMicroelectronics ST75C540FP-A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Parameters When the CONF_OPER is set to F, selecting the Modem Mode of operation, the parameters
have the following meaning :
Field
Byte
Pos.
Value
Definition
CONF_OPER
1
3..0
1111
Select Modem Mode
CONF_ANAL
1
4
0
1
Normal mode
Analog loop back (test mode only)
CONF_PSTN
1
5
0
1
PSTN (carrier detect set to -43/-48dBm)
Leased line (carrier detect -33/-38dBm)
CONF_AO
1
6
0
1
Answer mode
Originate mode
CONF_DTINIT
(only in tone mode)
170
1
Global init of secondary tone detector
Partial init of secondary tone detector
(8)
CONF_MODE
2
5..0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Other
Automode (V.32bis/V.32/V.22bis/V.22)
(9)
Bell 103 (full duplex)
Bell 212A (full duplex)
(9)
V.21 (full duplex)
V.23 (full duplex)
V.22 (full duplex)
(9)
V.22bis (full duplex)
(9)
V.27ter
V.29
V.17
V.32 (full duplex)
(9)
V.32bis (full duplex)
(9)
V.33 (half duplex)
V.21 channel 2
Reserved
CONF_TXEQ
2
7..6
0
1
2
3
No transmit equalizer
Transmit equalizer #1
Transmit equalizer #2
Transmit equalizer #3 (V.17/V.33/V.29/V.27ter)
CONF_CAR
3
0
0
1
1800Hz carrier (V.17/V.33 only)
1700Hz carrier (V.17/V.33 only)
CONF_TCM
3
1
0
1
Treillis coding not allowed (V.32 only)
Treillis coding allowed (V.32bis, V.32)
CONF_SP0
3
7..4
xxx1
xx1x
x1xx
1xxx
1200bps allowed (V.22, V.22bis)
(10)
2400bps allowed (V.22bis, V.27)
(10)
4800bps allowed (V.32bis, V.32, V.27, V.29)
(10)
7200bps allowed (V.32bis, V.29, V.17)
(10)
CONF_SP1
4
2..0
xx1
x1x
1xx
9600bps allowed (V.32bis, V.32, V.29, V.17)
(10)
12000bps allowed (V.32bis, V.17, V.33)
(10)
14400bps allowed (V.32bis, V.17, V.33)
(10)
Notes :
8.
With conf 80 00 00 00 the coefficients of secondary tone detectors are not initialized.
9.
ST75C540 only.
10.
V.22bis, V.22, V.32bis and V.32 modes ST75C540 only.
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
30/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com