Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540FP-A Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 18Page - STMicroelectronics ST75C540FP-A Datasheet HTML 19Page - STMicroelectronics ST75C540FP-A Datasheet HTML 20Page - STMicroelectronics ST75C540FP-A Datasheet HTML 21Page - STMicroelectronics ST75C540FP-A Datasheet HTML 22Page - STMicroelectronics ST75C540FP-A Datasheet HTML 23Page - STMicroelectronics ST75C540FP-A Datasheet HTML 24Page - STMicroelectronics ST75C540FP-A Datasheet HTML 25Page - STMicroelectronics ST75C540FP-A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
VI.1.1.7 - Interrupt Control Area
The interrupt area, that start after the address $40
controls the behaviour of the Interrupts mecha-
nism. Register ITSRCR defines the source of the
interrupt, the register ITMASK allows independent
enabling or disabling of any of the interrupt’s
source, registers ITREST0 to ITREST6 reset the
corresponding interrupt source.
Theseregisters are not affectedby a INITcommand,
they are only reseted by a Hardware RESET signal.
VI.1.1.8 - General IO and Relay Output Area
A set of 5 registers is directly accessible by the
controller to program the General IO pins and
Relay Outputs (see Paragraph VI.1.3 “Host Inter-
face Summary”). Two registers IODIR0 and IO-
DIR1 define the type of the IO pin, either Input or
Output (0 = input, 1 = output), and two registers
IODATA0 and IODATA1 define the IO pin signals.
The fifth register defines the Relay output signals.
Theseregisters are not affectedby a INITcommand,
they are only reseted by a Hardware RESET signal.
The general IO are setup as input after the power
up or an hardware RESET. The relay output are
open after power up or an hardware RESET.
VI.1.2 - Interruptions
The ST75C530/540 can generate 7 interrupts for
the controller. The interrupt handling is made with
a set of registers located from $40 to $5F.
The interruptions generated by the ST75C530/540
com e f rom sev er al sour ces. Once the
ST75C530/540raises an interrupt, a signal (SINTR)
is sent to the controller. The controller has then to
processthe interruptandclear it. Theinterruptsource
can be examined in the interrupt source register
ITSRCR located a $50. According to the ITSRCR
bits, the interrupt source can be determined. Then
writing a zero at one of the memory location $40 to
$46 (Reset Interrupt Register ITRES[0..6]) will re-
set the corresponding interrupt (and thus acknow-
ledge it). The source of the interrupt can be masked
globally or individually using the Interrupt Mast
register ITMASK located at $4F.
The interrupt sources are :
- IT0 : Error
This signifies that an error has occurred and the
error code is available in the error status byte
SYSERR. This byte can be selectively cleared by
the CSE command.
- IT1 : VOCODER Buffer
Each time the ST75C530/540 have coded a
frame (CODER Mode) or decoded a frame (DE-
CODER Mode) this interrupt is generated.
- IT2 : Tx Buffer
Each time the ST75530/C540frees a data buffer,
this interrupt is generated.
- IT3 : Rx Buffer
Each time the ST75C530/540 has filled a data
buffer, this interrupt is generated.
- IT4 : Status Byte
This signifies that the status byte has changed
and must be checked by the controller.
- IT5 : Low Power Mode
The ST75C530/540has been awakened from the
low power mode by a low level on the RING pin
or a dummy write issued by the host.
- IT6 : Command Acknowledge
This signifies that the ST75C530/540 has read
the last command entered by the host, incre-
mented the command counter COMACK, and is
ready for a new command.
Note : Interrupt registers are cleared after a Hard-
ware RESET. These registers are not affected by
a INIT Command.
VI - USER INTERFACE (continued)
ST75C530 - ST75C540
22/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com