Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 10Page - STMicroelectronics ST92163 Datasheet HTML 11Page - STMicroelectronics ST92163 Datasheet HTML 12Page - STMicroelectronics ST92163 Datasheet HTML 13Page - STMicroelectronics ST92163 Datasheet HTML 14Page - STMicroelectronics ST92163 Datasheet HTML 15Page - STMicroelectronics ST92163 Datasheet HTML 16Page - STMicroelectronics ST92163 Datasheet HTML 17Page - STMicroelectronics ST92163 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 224 page
background image
14/224
ST92163 - GENERAL DESCRIPTION
Table 4. ST92163 Alternate Functions
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions
P0.0
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
31 11 A0/D0
I/O Ext. Mem. Address/Data bit 0
P0.1
30 10 A1/D1
I/O Ext. Mem. Address/Data bit 1
P0.2
29 9
A2/D2
I/O Ext. Mem. Address/Data bit 2
P0.3
28 8
A3/D3
I/O Ext. Mem. Address/Data bit 3
P0.4
27 7
A4/D4
I/O Ext. Mem. Address/Data bit 4
P0.5
26 6
A5/D5
I/O Ext. Mem. Address/Data bit 5
P0.6
25 5
A6/D6
I/O Ext. Mem. Address/Data bit 6
P0.7
24 4
A7/D7
I/O Ext. Mem. Address/Data bit 7
P1.0
23 3
A8
I/O Ext. Mem. Address bit 8
WKUP14
I
Wakeup Line 14 (***)
P1.1
22 2
A9
I/O Ext. Mem. Address bit 9
WKUP14
I
Wakeup Line 14 (***)
P1.2
21 1
A10
I/O Ext. Mem. Address bit 10
WKUP14
I
Wakeup Line 14 (***)
P1.3
20 64
A11
I/O Ext. Mem. Address bit 11
WKUP14
I
Wakeup Line 14 (***)
P1.4
19 63
A12
I/O Ext. Mem. Address bit 12
WKUP14
I
Wakeup Line 14 (***)
P1.5
18 62
A13
I/O Ext. Mem. Address bit 13
WKUP14
I
Wakeup Line 14 (***)
P1.6
17 61
A14
I/O Ext. Mem. Address bit 14
WKUP14
I
Wakeup Line 14 (***)
P1.7
16 60
A15
I/O Ext. Mem. Address bit 15
WKUP14
I
Wakeup Line 14 (***)
P3.0
4
44
WKUP0
I
Wakeup Line 0
INT7
I
External Interrupt 7 (*)
SOUT
O
SCI Data Output
P3.1
3
43
WKUP1
O
Wakeup Line 1
INT7
I
External Interrupt 7 (*)
RTS
O
SCI Request to Send



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com