Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 2 Page - STMicroelectronics

  ST92163 Datasheet HTML 1Page - STMicroelectronics ST92163 Datasheet HTML 2Page - STMicroelectronics ST92163 Datasheet HTML 3Page - STMicroelectronics ST92163 Datasheet HTML 4Page - STMicroelectronics ST92163 Datasheet HTML 5Page - STMicroelectronics ST92163 Datasheet HTML 6Page - STMicroelectronics ST92163 Datasheet HTML 7Page - STMicroelectronics ST92163 Datasheet HTML 8Page - STMicroelectronics ST92163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 224 page
background image
2/224
Table of Contents
ST92163 ..... .. . . . . . . . . .. . . ..... .. . . . . . . .... . . . . . ...1
1 GENERAL DESCRIPTION . . . . . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . . . . . . 6
1.1 INTRODUCTION . . . . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. . 6
1.1.1
Core Architecture . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . . . 9
1.1.2
Instruction Set . . . . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . . . 9
1.1.3
External MEMORY INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . ... .. . 9
1.1.4
OPERATING MODES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
1.1.5
On-chip Peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . . . 10
1.2 PIN DESCRIPTION . . .... . ... .. . . ... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . . 11
1.3 I/O PORT PINS . . . . . . . . . . . . . . . . . . . . ... . . . . . . . . . ... .. .. ... .. .. . . .. . . ... .. 13
1.4 MEMORY MAP . . . . . . . . . . .... . ... ... . . . .... .... .. . . . . . . . . . . . . . ... .. . .... 19
1.5 ST92163 REGISTER MAP .... .. . . . . . . . . .... . ... .. .. .. . .... ... . . . . . . . . . . . . 20
2 DEVICE ARCHITECTURE . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. 27
2.1 CORE ARCHITECTURE . . . . . . . . . . . . . . . . . . .... ... . . . . . . . . . . . . . . . . . . . . ... .. 27
2.2 MEMORY SPACES . . . . . . . . . . . . . . .... . ... .. .. .. . . . . . . . . . . . . ... . . . .... . ... 27
2.2.1
Register File . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . . 27
2.2.2
Register Addressing . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... .. 29
2.3 SYSTEM REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . . 30
2.3.1
Central Interrupt Control Register . . . . . . . . . . . .... . . . . ... . ... .. . . ... .. . . . 30
2.3.2
Flag Register . . . . . . .... . ... .. . . ... ... . ... .. . . ... .. . . ... . ... .. .. ... 31
2.3.3
Register Pointing Techniques . . . . ... .. ... .. .. ... .. .. ... .. .. .... . . ... .. 32
2.3.4
Paged Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
2.3.5
Mode Register . . . . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . . . . . 35
2.3.6
Stack Pointers . . . . . . . . . . . . . . . . . . . . . .... ... . . . . . . . . . . . . . . . . . . . . ... .. 36
2.4 MEMORY ORGANIZATION . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . . 38
2.5 MEMORY MANAGEMENT UNIT . . . . . . . . . . .... . ... .. . . . . .... . . . . .. . . . . . . . . . . 39
2.6 ADDRESS SPACE EXTENSION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
2.6.1
Addressing 16-Kbyte Pages . . . . . . . . . .... . . . . .. . . . . . . . . . . . . . ... .. . .... 40
2.6.2
Addressing 64-Kbyte Segments . . . . . .... . ... .. .. .. .... . . . ... . . . . . . . . . . 41
2.7 MMU REGISTERS . .... .. . .... . ... .. . . ... ... . ... .. . . ... .. . .... . ... .. . . ... 41
2.7.1
DPR[3:0]: Data Page Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . ... .. 41
2.7.2
CSR: Code Segment Register . . . ... . . . . . . . . . ... .. .. ... .. . ... .. . . ... .. 43
2.7.3
ISR: Interrupt Segment Register . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . . . 43
2.7.4
DMASR: DMA Segment Register . . . . . . . . . . . .... .... ... . ... .. . . ... .. . . . 43
2.8 MMU USAGE . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . . 45
2.8.1
Normal Program Execution . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... .. . . ... 45
2.8.2
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . . . 45
2.8.3
DMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . ... . ... .. . . ... .. . . . 45
3 INTERRUPTS . . .... .. . . . . . . . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . . . . . 46
3.1 INTRODUCTION . . . . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. 46
3.2 INTERRUPT VECTORING .... .. . .... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . . 47
3.2.1
Divide by Zero trap . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... .. . . .. . 47
3.2.2
Segment Paging During Interrupt Routines . .... .. . . . . . . . . . . . . . ... .. . .... 48
3.3 INTERRUPT PRIORITY LEVELS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com