Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 4 Page - STMicroelectronics

  ST92163 Datasheet HTML 1Page - STMicroelectronics ST92163 Datasheet HTML 2Page - STMicroelectronics ST92163 Datasheet HTML 3Page - STMicroelectronics ST92163 Datasheet HTML 4Page - STMicroelectronics ST92163 Datasheet HTML 5Page - STMicroelectronics ST92163 Datasheet HTML 6Page - STMicroelectronics ST92163 Datasheet HTML 7Page - STMicroelectronics ST92163 Datasheet HTML 8Page - STMicroelectronics ST92163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 224 page
background image
4/224
Table of Contents
6 EXTERNAL MEMORY INTERFACE (EXTMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
6.1 INTRODUCTION . . . . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. 89
6.2 EXTERNAL MEMORY SIGNALS . . . . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . . . 90
6.2.1
AS: Address Strobe . . . . . . . . . . . . . . . . . . . . . .... . . . . ... . ... .. . . ... .. . . . 90
6.2.2
DS: Data Strobe . . . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . .... 90
6.2.3
DS2: Data Strobe 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
6.2.4
RW: Read/Write . . . . .... . ... .. . . . . . ... . ... .. . . ... .. . .... . ... .. . . ... 93
6.2.5
BREQ, BACK: Bus Request, Bus Acknowledge . . . . . . . . . . . . . . . . . . . .... . ... 93
6.2.6
PORT 0 . . . . . . .... . . . . .. . . . . . . . . . . . . . ... ... . . . . . . . . . . ... .. .. . . . . . . 94
6.2.7
PORT 1 . . . . . . .... . . . . .. . . . . . . . . . . . . . ... ... . . . . . . . . . . ... .. .. . . . . . . 94
6.2.8
WAIT: External Memory Wait . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... .. . . ... 94
6.3 REGISTER DESCRIPTION . .... . ... .. . . ... ... . ... .. . . ... .. . .... . ... .. . . ... 95
7 I/O PORTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . . 98
7.1 INTRODUCTION . . . . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. 98
7.2 SPECIFIC PORT CONFIGURATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... 98
7.3 PORT CONTROL REGISTERS . . . . . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . . . 98
7.4 INPUT/OUTPUT BIT CONFIGURATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
7.5 ALTERNATE FUNCTION ARCHITECTURE . . . . . . . . . . . . . . . . . . . . . . . . .... . . ... . 103
7.5.1
Pin Declared as I/O . . .... . ... .. . . . . .... . ... .. . . ... .. . . . . . . ... .. . . .. 103
7.5.2
Pin Declared as an Alternate Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
7.5.3
Pin Declared as an Alternate Function Output . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
7.6 I/O STATUS AFTER WFI, HALT AND RESET . . . . . . . . . . . . . . . . . . . . . . .... . . ... . 103
8 ON-CHIP PERIPHERALS . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 104
8.1 TIMER/WATCHDOG (WDT) . . . . . . . . . . . . . .... . ... .. . . . . .... . . . . .. . . . . . . . . . 104
8.1.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 104
8.1.2
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 105
8.1.3
Watchdog Timer Operation . . . . . . . . . . .... .... .. . . . . . . . . . . . . . ... .. . . . . 106
8.1.4
WDT Interrupts .... .... .. . .... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . 108
8.1.5
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 109
8.2 MULTIFUNCTION TIMER (MFT) . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . . 111
8.2.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 111
8.2.2
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 113
8.2.3
Input Pin Assignment . . . . . . . . . . . . . .... . ... .. .. .. .... . . . ... . . . . . . . . . 116
8.2.4
Output Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
8.2.5
Interrupt and DMA . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . 122
8.2.6
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 124
8.3 USB PERIPHERAL (USB) . . .... . ... ... . . . .... . . . . .. . . . . . . . . . . . . . ... .. . . . . 135
8.3.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 135
8.3.2
Main Features . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 135
8.3.3
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 135
8.3.4
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 138
8.3.5
Register pages summary . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . 148
8.4 SERIAL COMMUNICATIONS INTERFACE (SCI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
8.4.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 150
8.4.2
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 151
8.4.3
SCI Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com