Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 1 Page - STMicroelectronics

  ST92163 Datasheet HTML 1Page - STMicroelectronics ST92163 Datasheet HTML 2Page - STMicroelectronics ST92163 Datasheet HTML 3Page - STMicroelectronics ST92163 Datasheet HTML 4Page - STMicroelectronics ST92163 Datasheet HTML 5Page - STMicroelectronics ST92163 Datasheet HTML 6Page - STMicroelectronics ST92163 Datasheet HTML 7Page - STMicroelectronics ST92163 Datasheet HTML 8Page - STMicroelectronics ST92163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 224 page
background image
January 2000
1/224
This is preliminary information on a new product in development orundergoing evaluation. Details are subject to change without notice.
ST92163
8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES
WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PRELIMINARY DATA
s
Internal Memories: 20 Kbytes ROM/EPROM/
OTP, 2 Kbytes RAM
s
Register oriented 8/16 bit core
s
224 general purpose registers available as
RAM, accumulators or index pointers
s
Minimum instruction cycle time: 167 ns (@24
MHz CPU frequency)
s
Low power modes: WFI, SLOW, HALT and
STOP
s
DMA controller for reduced processor overhead
s
Full speed USB interface with DMA, compliant
with USB specifications version 1.1 (in normal
voltage mode)
s
USB
Embedded
Functions
with
16
fully
configurable
endpoints
(buffer
size
programmable),
supporting
all
USB
data
transfer types (Isochronous included)
s
On-chip USB transceiver and 3.3 voltage
regulator
s
Multimaster I
2C-bus serial interface up to
400KHz. with DMA capability
s
Serial Communications Interface (SCI) with
DMA capability:
– Asynchronous mode up to 315 Kb/s
– Synchronous mode up to 3 MHz
s
External memory interface (8-bit data/16-bit
address) with DMA capability from the USB
s
16-bit
Multi-Function
Timer
(12
operating
modes) with DMA capability
s
16-bit Timer with 8-bit prescaler and Watchdog
s
6-channel, 8-bit A/D Converter (ADC)
s
15 interrupt pins on 8 interrupt channels
s
14 pins programmable as wake-up or additional
external interrupts
s
42 (DIP56) or 44 (QFP64) fully programmable
I/Os with 6 or 8 high sink pads (10 mA @ 1 V)
s
Programmable PLL clock generator (RCCU)
using a low frequency external quartz (8 MHz)
s
On-chip RC oscillator for low power operation
s
Low Voltage Detector Reset on some devices
1
s
Rich instruction set with 14 addressing modes
s
Several operating voltage modes available on
some devices1:
– Normal Voltage Mode
– 8-MHz Low Voltage Mode
– 16-MHz Low Voltage Mode
s
0 - 24 MHz CPU clock operation @ 4.0-5.5 V (all
devices)
s
0 - 8 MHz CPU clock operation @ 3.0-4.0 V (8-
MHz and 16-MHz Low Voltage devices)
s
0 - 16 MHz CPU clock operation @ 3.0-4.0 V
(16-MHz Low Voltage devices only)
s
Division-by-zero trap generation
s
0 oCto70 oC temperature range
s
Low EMI design supporting single sided PCB
s
Complete
development
tools,
including
assembler, linker, C-compiler, archiver, source
level debugger and hardware emulators, and
Real Time Operating System
Note 1: Refer to “Device Summary” on page 6
1
TQFP64
PSDIP56
Rev. 1.9


Similar Part No. - ST92163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92124CR1QC STMICROELECTRONICS-ST92124CR1QC Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
More results

Similar Description - ST92163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
26-Sep-2005
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
20-Mar-2006
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST7262XXX STMICROELECTRONICS-ST7262XXX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU with 3 endpoints
11-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com