Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 52Page - STMicroelectronics ST92163 Datasheet HTML 53Page - STMicroelectronics ST92163 Datasheet HTML 54Page - STMicroelectronics ST92163 Datasheet HTML 55Page - STMicroelectronics ST92163 Datasheet HTML 56Page - STMicroelectronics ST92163 Datasheet HTML 57Page - STMicroelectronics ST92163 Datasheet HTML 58Page - STMicroelectronics ST92163 Datasheet HTML 59Page - STMicroelectronics ST92163 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 224 page
background image
56/224
ST92163 - INTERRUPTS
3.7 MANAGEMENT OF WAKE-UP LINES AND EXTERNAL INTERRUPT LINES
In
the
ST92163,
fifteen
Wake-up
lines
(WKUP[14:0]) are available on external pins. The
WKUP[15] line is internally connected to the USB
interfaceline.
Figure 28 shows the connections of the External
Interrupt Lines INT7[7:0] and the Wake-up/Inter-
rupt Lines managed through the WUIMU on the
INTD1 interrupt channel.
Figure 28. Wake-Up Lines and External Interrupt Lines Management
Trigg er Registers
Pending Registers
Mask Registers
10
INT7[7:0]
WKUP[7:0]
WKUP[13:8]
(to CPU)
External Interrupt
WUIMU
STOP
SW Setting
WUCTRL Register
INTD1
(to RCCU)
ID1S bit
WKUP14
WKUP14[7:0]
USB
INTERFACE
WKUP15
ESUS P
USBISTR
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com