Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 2Page - STMicroelectronics ST92163 Datasheet HTML 3Page - STMicroelectronics ST92163 Datasheet HTML 4Page - STMicroelectronics ST92163 Datasheet HTML 5Page - STMicroelectronics ST92163 Datasheet HTML 6Page - STMicroelectronics ST92163 Datasheet HTML 7Page - STMicroelectronics ST92163 Datasheet HTML 8Page - STMicroelectronics ST92163 Datasheet HTML 9Page - STMicroelectronics ST92163 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 224 page
background image
6/224
ST92163 - GENERAL DESCRIPTION
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST9216x family brings the enhanced ST9 reg-
ister-based architecture to a new range of high-
performance
microcontrollers
specifically
de-
signed for USB (Universal Serial Bus) applica-
tions. Their performance derives from the use of a
flexible 256-register programming model for ultra-
fast context switching and real-time event re-
sponse. The intelligent on-chip peripherals offload
the ST9 core from I/O and data management
processing tasks allowing critical application tasks
to get the maximum use of core resources. The
ST9 MCU devices support low power consumption
and low voltage operation for power-efficient and
low-cost embedded systems. In the ST92163 fam-
ily, four different types of device are available:
Normal Voltage Devices with LVD function
They operate in Normal Voltage Mode only (4.0-
5.5V @ 24MHz) and include the Low Voltage De-
tector (LVD) function.
Normal Voltage Devices without LVD function
They operate in Normal Voltage Mode only (4.0-
5.5V @ 24MHz) and do not include the Low Volt-
age Detector (LVD) function.
8-MHz Low Voltage Devices
They do not include the Low Voltage Detector
(LVD) function and they support two operating
voltage modes:
– Normal Voltage mode (4.0-5.5V @ 24MHz) with
full functionality including USB.
– 8-MHz Low Voltage mode (3.0-4.0V @ 8MHz)
without the USB interface.
16-MHz Low Voltage Devices
They do not include the Low Voltage Detector
(LVD) function and they support three operating
voltage modes:
– Normal Voltage mode (4.0-5.5V @ 24MHz) with
full functionality including USB.
– 8-MHz Low Voltage mode (3.0-4.0V @ 8MHz)
without the USB interface.
– 16-MHz Low Voltage mode (3.0-4.0V @ 16MHz)
without the USB interface.
Figure 1, on page 7 shows the operating range of
the ST92163 devices.
Device Summary
1 Contact sales office for availability
Device
Package
Program Memory
RAM
16-MHz
Low Voltage
Mode
8-MHz
Low Voltage
Mode
LVD
USB
ST921631
PSDIP56/
TQFP64
20K ROM
2K
No
No
Yes
Yes
ST92T163
20K OTP
ST92E163
CSDIP56/
CQFP64
20K EPROM
ST92163E1
PSDIP56/
TQFP64
20K ROM
No
ST92T163E
20K OTP
ST92E163E
CSDIP56/
CQFP64
20K EPROM
ST92163L1
TQFP64
20K ROM
Yes
In Normal
Mode only
ST92T163L
20K OTP
ST92E163L
CQFP64
20K EPROM
ST92163V1
TQFP64
20K ROM
Yes
ST92T163V1
20K OTP
ST92E163V1
CQFP64
20K EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com