Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 172Page - STMicroelectronics ST92163 Datasheet HTML 173Page - STMicroelectronics ST92163 Datasheet HTML 174Page - STMicroelectronics ST92163 Datasheet HTML 175Page - STMicroelectronics ST92163 Datasheet HTML 176Page - STMicroelectronics ST92163 Datasheet HTML 177Page - STMicroelectronics ST92163 Datasheet HTML 178Page - STMicroelectronics ST92163 Datasheet HTML 179Page - STMicroelectronics ST92163 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 224 page
background image
176/224
ST92163 - I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
Figure 82. I2C Interface Block Diagram
8.5.3 Functional Description
Refer to the I2CCR, I2CSR1 and I2CSR2 registers
in Section 8.5.7. for the bit definitions.
The I2C interface works as an I/O interface
between the ST9 microcontroller and the I2C bus
protocol. In addition to receiving and transmitting
data, the interface converts data from serial to
parallel format and vice versa using an interrupt or
polled handshake.
It operates in Multimaster/slave I2C mode. The se-
lection of the operating mode is made by software.
The I2C interface is connected to the I2C bus by a
data pin (SDAI) and a clock pin (SCLI) which must
be configured as open drain when the I
2C cell is
enabled by programming the I/O port bits and the
PE bit in the I2CCR register. In this case, the value
of the external pull-up resistance used depends on
the application.
When the I2C cell is disabled, the SDAI and SCLI
ports revert to being standard I/ O port pins.
The I2C interface has sixteen internal registers.
Six of them are used for initialization:
– Own Address Registers I2COAR1, I2COAR2
– General Call Address Register I2CADR
– Clock Control Registers I2CCCR, I2CECCR
– Control register I2CCR
The following four registers are used during data
transmission/reception:
– Data Register I2CDR
– Control Register I2CCR
– Status Register 1 I2CSR1
– Status Register 2 I2CSR2
DATA REGISTE R
DATA SHIFT REGISTER
COMPARA TOR
OWN ADDRESS REGISTER 2
CLOCK CONTRO L REGIS TER
STATUS REGISTE R 1
CONTRO L REGISTE R
CONTROL
DATA
CLOCK
CONTROL
SDAI
SCLI
LOGIC AND INTERRUPT/ DMA REGIS TERS
GENERAL CALL ADDRESS
STATUS REGISTE R 2
DMA
DATA BUS
CONTROL SIGNALS
INTERRUPT
VR02119A
SDA
SCL
OWN ADDRES S REGISTE R 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com