Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 192Page - STMicroelectronics ST92163 Datasheet HTML 193Page - STMicroelectronics ST92163 Datasheet HTML 194Page - STMicroelectronics ST92163 Datasheet HTML 195Page - STMicroelectronics ST92163 Datasheet HTML 196Page - STMicroelectronics ST92163 Datasheet HTML 197Page - STMicroelectronics ST92163 Datasheet HTML 198Page - STMicroelectronics ST92163 Datasheet HTML 199Page - STMicroelectronics ST92163 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
196/224
ST92163 - I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
Table 36. I2C BUS Register Map and Reset Values
Address
(Hex.)
Register
Name
765
4
3210
F0h
I2CCR
Reset Value
-
0
-
0
PE
0
ENGC
0
START
0
ACK
0
STOP
0
ITE
0
F1h
I2CSR1
Reset Value
EVF
0
ADD10
0
TRA
0
BUSY
0
BTF
0
ADSL
0
M/SL
0
SB
0
F2h
I2CSR2
Reset Value
-
0
0
0
ADDTX
0
AF
0
STOPF
0
ARLO
0
BERR
0
GCAL
0
F3h
I2CCCR
Reset Value
FM/SM
0
CC6
0
CC5
0
CC4
0
CC3
0
CC2
0
CC1
0
CC0
0
F4h
I2COAR1
Reset Value
ADD7
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
F5h
I2COAR2
Reset Value
FREQ1
0
FREQ0
0
EN10BIT
0
FREQ2
0
0
0
ADD9
0
ADD8
0
0
0
F6h
I2CDR
Reset Value
DR7
0
DR6
0
DR5
0
DR4
0
DR3
0
DR2
0
DR1
0
DR0
0
F7h
I2CADR
Reset Value
ADR7
1
ADR6
0
ADR5
1
ADR4
0
ADR3
0
ADR2
0
ADR1
0
ADR0
0
F8h
I2CISR
Reset Value
DMASTO P
1
PRL2
X
PRL1
X
PRL0
XX
IERRP
X
IRXP
X
ITXP
X
F9h
I2CIVR
Reset Value
V7
X
V6
X
V5
X
V4
X
V3
X
EV2
X
EV1
X
0
0
FAh
I2CRDAP
Reset Value
RA7
X
RA6
X
RA5
X
RA4
X
RA3
X
RA2
X
RA1
X
RPS
X
FBh
I2CRDC
Reset Value
RC7
X
RC6
X
RC5
X
RC4
X
RC3
X
RC2
X
RC1
X
RF/MEM
X
FCh
I2CTDAP
Reset Value
TA7
X
TA6
X
TA5
X
TA4
X
TA3
X
TA2
X
TA1
X
TPS
X
FDh
I2CTDC
Reset Value
TC7
X
TC6
X
TC5
X
TC4
X
TC3
X
TC2
X
TC1
X
RF/MEM
X
FEh
I2CECCR
0
0
0
0
0
0
0
0
0
0
0
0
CC8
0
CC7
0
FFh
I2CIMR
Reset Value
RXDM
0
TXDM
0
REOBP
X
TEOBP
X0
IERRM
0
IRXM
0
ITXM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com