Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 206Page - STMicroelectronics ST92163 Datasheet HTML 207Page - STMicroelectronics ST92163 Datasheet HTML 208Page - STMicroelectronics ST92163 Datasheet HTML 209Page - STMicroelectronics ST92163 Datasheet HTML 210Page - STMicroelectronics ST92163 Datasheet HTML 211Page - STMicroelectronics ST92163 Datasheet HTML 212Page - STMicroelectronics ST92163 Datasheet HTML 213Page - STMicroelectronics ST92163 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 224 page
background image
210/224
ST92163 - ELECTRICAL CHARACTERISTICS
RCCU CHARACTERISTICS
(VDD = 3.0 - 5.5V
(1),T
A =0°C+ 70°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
(1) 3.0 - 4.0V voltage range is only available on devices with suffix L or V, with different frequency limitatio ns (L: 8 MHz, V: 16 MHz)
RCCU TIMING TABLE
(VDD = 3.0 - 5.5V
(1),T
A =0°C+ 70°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
(1) 3.0 -4.0V voltage range is only available on devices with suffix L or V, with different frequency limitations (L: 8 MHz, V:16 MHz)
(2) Depending on the delay between rising edge of RESE TN pin and the first rising edge of CLOCK1, the value can differ from the typical
value for +/- 1 CLOCK1 cycle.
Legend:Tosc = OSCIN clock cycles
PLL CHARACTERISTICS
(VDD = 3.0 - 5.5V
(1),T
A =0°C+ 70°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
(1) 3.0 - 4.0V voltage range is only available on devices with suffix L or V, with different frequency limitatio ns (L: 8 MHz, V: 16 MHz)
(2) Measured at 24MHz (INTC LK). Guaranteed by Design Characterisation (not tested).
Legend: Tosc = OSCIN clock cycles
Symbol
Parameter
Comment
Value (Note)
Unit
Min
Typ
Max
VIHRS
RESET Input High Level
0.7 x VDD
VDD + 0.3
V
VILRS
RESET Input Low Level
– 0.3
0.3 x VDD
V
VHYRS
RESET Input Hysteresis
0.3
0.9
1.5
V
ILKRS
RESET Pin Input Leakage
0V < VIN <VDD
–1
+ 1
µA
Symbol
Parameter
Comment
Value (Note)
Unit
Min
Typ
Max
TFRS
RESET Input Filtered Pulse
50
20
ns
µs
TRSPH
(2)
RESET Phase duration
20400 x Tosc
µs
TSTR
STOP Restart duration
DIV2 = 0
DIV2 = 1
10200 x Tosc
20400 x Tosc
µs
Symbol
Parameter
Comment
Value (Note)
Unit
Min
Typ
Max
FXTL
Crystal Reference Frequency
3
8
MHz
FVCO
VCO Operating Frequency
9
48
MHz
TPLK
Lock-in Time
1000 x Tosc
µs
PLL Jitter
0
850 (2)
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com