Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 216Page - STMicroelectronics ST92163 Datasheet HTML 217Page - STMicroelectronics ST92163 Datasheet HTML 218Page - STMicroelectronics ST92163 Datasheet HTML 219Page - STMicroelectronics ST92163 Datasheet HTML 220Page - STMicroelectronics ST92163 Datasheet HTML 221Page - STMicroelectronics ST92163 Datasheet HTML 222Page - STMicroelectronics ST92163 Datasheet HTML 223Page - STMicroelectronics ST92163 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 222 / 224 page
background image
222/224
ST92163 - GENERAL INFORMATION
Table 38. Ordering Information
Note 1: xxx stands for the ROM code name assigned by STMicroelectronics
Note 2: Contact sales office for availability
Note 3: LVM = Low Voltage Mode and NM = Normal Mode
Sales Type 1)
Program Memory
(bytes)
Mode
Operating Voltage
Package
ST92163N4B1/xxx 2)
20K ROM
Normal
4.0-5.5 V
PSDIP56
ST92163R4T1/xxx 2)
4.0-5.5 V
TQFP64
ST92E163N4D0
20K EPROM
4.0-5.5 V
CSDIP56
ST92E163R4G0
4.0-5.5 V
CQFP64
ST92T163N4B1
20K OTP
4.0-5.5 V
PSDIP56
ST92T163R4T1
4.0-5.5 V
TQFP64
ST92163N4B1E/xxx 2)
20K ROM
4.0-5.5 V
PSDIP56
ST92163R4T1E/xxx 2)
4.0-5.5 V
TQFP64
ST92E163N4D1E
20K EPROM
4.0-5.5 V
CSDIP56
ST92E163R4G1E
4.0-5.5 V
CQFP64
ST92T163N4B1E
20K OTP
4.0-5.5 V
PSDIP56
ST92T163R4T1E
4.0-5.5 V
TQFP64
ST92163R4T1L/xxx 2)
20K ROM
Normal
and
8-MHz Low Voltage
8-MHz LVM 3)
3.0-4.0 V (@8Mhz)
TQFP64
NM 3)
4.0-5.5 V
ST92E163R4G1L
20K EPROM
8-MHz LVM 3)
3.0-4.0 V (@8Mhz)
CQFP64
NM 3)
4.0-5.5 V
ST92E163N4D1L
8-MHz LVM 3)
3.0-4.0 V (@8Mhz)
CSDIP56
NM 3)
4.0-5.5 V
ST92T163R4T1L
20K OTP
8-MHz LVM 3)
3.0-4.0 V (@8Mhz)
TQFP64
NM 3)
4.0-5.5 V
ST92163R4T1V/xxx 2)
20K ROM
Normal,
8-MHz Low Voltage
and
16-MHz Low voltage
16-MHz LVM 3) 3.0V-4.0 (@16Mhz)
8-MHz LVM 3)
3.0V-4.0 (@8Mhz)
NM 3)
4.0-5.5V
ST92E163R4T1V 2)
20K EPROM
16-MHz LVM 3) 3.0V-4.0 (@16Mhz)
CQFP64
8-MHz LVM 3)
3.0V-4.0 (@8Mhz)
NM 3)
4.0-5.5V
ST92E163N4D1V 2)
16-MHz LVM 3) 3.0V-4.0 (@16Mhz)
CSDIP56
8-MHz LVM 3)
3.0V-4.0 (@8Mhz)
NM 3)
4.0-5.5V
ST92T163R4T1V 2)
20K OTP
16-MHz LVM 3) 3.0V-4.0 (@16Mhz)
TQFP64
8-MHz LVM 3)
3.0V-4.0 (@8Mhz)
NM 3)
4.0-5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com