Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 128Page - STMicroelectronics ST92F124 Datasheet HTML 129Page - STMicroelectronics ST92F124 Datasheet HTML 130Page - STMicroelectronics ST92F124 Datasheet HTML 131Page - STMicroelectronics ST92F124 Datasheet HTML 132Page - STMicroelectronics ST92F124 Datasheet HTML 133Page - STMicroelectronics ST92F124 Datasheet HTML 134Page - STMicroelectronics ST92F124 Datasheet HTML 135Page - STMicroelectronics ST92F124 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 426 page
background image
132/426
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 64. Example of Low Power mode programming in WFI using CLOCK2/16
User’s Program
WFI instruction
PROGRAM FLOW
INTCLK FREQUENCY
Interrupt
PLL multiply factor
Divider factor set
Wait for the PLL to lock
Wait For Interrupt
No code is executed until
Interrupt serviced
set to 6
to 1, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
2 MHz
12 MHz
2 MHz
12 MHz
* T1 = PLL lock-in time
T1*
T1*
FXtal = 4 MHz
WAIT
CSU_CKSEL
← 1
PLL is system clock source
PLL switched on
125 KHz
in WFI state
User’s Program
activated
PLL is system clock source
Wait for the PLL to lock
WAIT
LPOWFI
← 1
WFI status
Interrupt Routine
CSU_CKSEL
← 1
DX[2:0]
← 000
MX[1:0]
← 01
Reset State
CLOCK2/16 selected and PLL
automatically
Begin
CLOCK2 selected
stopped
Execution of user program
resumes at full speed
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com